Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-AU83AL Datasheet(Fiches technique) 4 Page - Toshiba Semiconductor

Numéro de pièce S-AU83AL
Description  RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

S-AU83AL Datasheet(HTML) 4 Page - Toshiba Semiconductor

  S-AU83AL Datenblatt HTML 1Page - Toshiba Semiconductor S-AU83AL Datenblatt HTML 2Page - Toshiba Semiconductor S-AU83AL Datenblatt HTML 3Page - Toshiba Semiconductor S-AU83AL Datasheet HTML 4Page - Toshiba Semiconductor S-AU83AL Datenblatt HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S-AU83AL
2007-06-21
4
EQUIVALENT CIRCUIT
TEST FIXTURE
Pi
ZG = 50 Ω
VGG
VDD
Po
ZL = 50 Ω
GROUND
Flange)
Pi
Po
VGG
VDD
C1
C1
C2
C2
L
L
C1: 15000 pF
C2: 10
μF
L:
ϕ0.8-mm enamel wire, 8T, 5ID


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn