Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86FS27FG Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TMP86FS27FG Datasheet HTML 1Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 2Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 3Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
86FS27-5
2007-08-07
TMP86FS27
Pin Function
The TMP86FS27 has MCU mode and serial PROM mode.
(1) MCU mode
In the MCU mode, the TMP86FS27 is a pin compatible with the TMP86CM27/P27 (Make sure
to fix the TEST pin to low level).
(2) Serial PROM mode
The serial PROM mode is set by fixing TEST pin, P00 and P01 at “high” respectively when
RESET
pin is fixed “low”.
After release of reset, the built-in BOOT ROM program is activated and the built-in flash
memory is rewritten by serial I/F (UART).
Pin Name
(Serial PROM mode)
Input/
Output
Functions
Pin Name
(MCU mode)
BOOT1/RXD
Input/Input
Fix “High” during reset. This pin is used as
RXD pin after releasing reset.
P00
BOOT2/TXD
Input/Output
Fix “High” during reset. This pin is used as
TXD pin after releasing reset.
P01
TEST
Input
Fix to “High”.
RESET
I/O
Reset signal input or an internal error reset output.
VDD, AVDD
Power supply
5 V
VSS
0 V
VAREF
Leave open or apply reference voltage.
P07 to P02, P17 to P10, P22 to P20,
P37 to P30, P43 to P40, P57 to P50,
P67 to P60, P77 to P70
I/O
Open
SEG7 to SEG0
Output
0 V output (Open)
COM3 to COM0
Output
0 V output (Open)
C0, C1, V1, V2, V3
LCD power
supply
Not use
XIN
Input
Self oscillation with resonator (2 MHz, 4 MHz, 8 MHz, 16 MHz)
XOUT
Output


Numéro de pièce similaire - TMP86FS27FG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
More results

Description similaire - TMP86FS27FG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com