Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ620 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce 2SJ620
Description  Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ620 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  2SJ620 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ620
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-π-MOSV)
2SJ620
Switching Regulator and DC-DC Converter Applications
Motor Drive Applications
• 4-V gate drive
• Low drain-source ON resistance: RDS (ON) = 63 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 15 S (typ.)
• Low leakage current: IDSS = −100 μA (max) (VDS = −100 V)
• Enhancement model: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−100
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−100
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−18
Drain current
Pulse (Note 1)
IDP
−72
A
Drain power dissipation (Tc
= 25°C)
PD
125
W
Single pulse avalanche energy
(Note 2)
EAS
937
mJ
Avalanche current
IAR
−18
A
Repetitive avalanche energy (Note 3)
EAR
12.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Circuit Configuration
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
1.0
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = −50 V, Tch = 25°C (initial), L = 3.56 mH, RG = 25 Ω, IAR = −18 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-97
TOSHIBA
2-9F1B
Weight: 0.74 g (typ.)
1
3
4


Numéro de pièce similaire - 2SJ620

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
2SJ620 TOSHIBA-2SJ620 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Description similaire - 2SJ620

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SJ619 TOSHIBA-2SJ619_06 Datasheet
188Kb / 6P
   Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SJ676 TOSHIBA-2SJ676 Datasheet
148Kb / 3P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ610 TOSHIBA-2SJ610_06 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3471 TOSHIBA-2SK3471_06 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3844 TOSHIBA-2SK3844 Datasheet
227Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com