Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2610 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce 2SK2610
Description  Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2610 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  2SK2610 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2610 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2610 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2610 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2610 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2610 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2610
2006-11-10
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSIII)
2SK2610
Chopper Regulator, DC−DC Converter and Motor Drive
Applications
Low drain−source ON resistance
: RDS (ON) = 2.3 Ω (typ.)
High forward transfer admittance
: |Yfs|= 4.4 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 720 V)
Enhancement mode
: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
900
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
900
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
5
Drain current
Pulse (Note 1)
IDP
15
A
Drain power dissipation (Tc = 25°C)
PD
150
W
Single pulse avalanche energy
(Note 2)
EAS
595
mJ
Avalanche current
IAR
5
A
Repetitive avalanche energy (Note 3)
EAR
15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
0.833
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
50
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 43.6 mH, IAR = 5 A, RG = 25 Ω
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
1. GATE
2. DRAIN (HEAT SINK)
3. SOURCE
JEDEC
JEITA
SC-65
TOSHIBA
2-16C1B
Weight: 4.6 g (typ.)


Numéro de pièce similaire - 2SK2610

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2610 TOSHIBA-2SK2610 Datasheet
291Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2610 TOSHIBA-2SK2610 Datasheet
429Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2610 ISC-2SK2610 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2610 TOSHIBA-2SK2610_09 Datasheet
429Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results

Description similaire - 2SK2610

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2551 TOSHIBA-2SK2551_06 Datasheet
666Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2838 TOSHIBA-2SK2838_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2679 TOSHIBA-2SK2679_06 Datasheet
700Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2699 TOSHIBA-2SK2699_06 Datasheet
716Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2750 TOSHIBA-2SK2750_06 Datasheet
656Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_06 Datasheet
752Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2995 TOSHIBA-2SK2995_06 Datasheet
719Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131_06 Datasheet
712Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3117 TOSHIBA-2SK3117_06 Datasheet
718Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK2173 TOSHIBA-2SK2173 Datasheet
410Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com