Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2266 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce 2SK2266
Description  N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2266 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  2SK2266 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2266
2006-11-17
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L
2
−π−MOSV)
2SK2266
Chopper Regulator, DC–DC Converter and Motor Drive
Applications
4-V gate drive
Low drain−source ON resistance
: RDS (ON) = 22 mΩ (typ.)
High forward transfer admittance
: |Yfs| = 27 S (typ.)
Low leakage current : IDSS = 100 μA (max) (VDS = 60 V)
Enhancement mode
: Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
60
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
60
V
Gate−source voltage
VGSS
±20
V
DC (Note 1)
ID
45
Drain current
Pulse (Note 1)
IDP
180
A
Drain power dissipation (Tc = 25°C)
PD
65
W
Single pulse avalanche energy
(Note 2)
EAS
246
mJ
Avalanche current
IAR
45
A
Repetitive avalanche energy (Note 3)
EAR
6.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.)
may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings. Please design the appropriate reliability
upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
1.92
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
83.3
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 165 μH, RG = 25 Ω, IAR = 45 A
Note 3: Repetitive rating: pulse width limited by maximum channel
temperature
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10S1B
Weight: 1.5 g (typ.)
JEDEC
JEITA
TOSHIBA
2-10S2B
Weight: 1.5 g (typ.)


Numéro de pièce similaire - 2SK2266

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266 Datasheet
288Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2266 TOSHIBA-2SK2266 Datasheet
441Kb / 6P
   Chopper Regulator, DC- DC Converter and Motor Drive
2SK2266 TOSHIBA-2SK2266 Datasheet
284Kb / 5P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR
2SK2266 TOSHIBA-2SK2266 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2266-262 ISC-2SK2266-262 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK2266

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2391 TOSHIBA-2SK2391 Datasheet
289Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2233 TOSHIBA-2SK2233 Datasheet
286Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2274 TOSHIBA-2SK2274 Datasheet
258Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2382 TOSHIBA-2SK2382 Datasheet
283Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2551 TOSHIBA-2SK2551 Datasheet
280Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2603 TOSHIBA-2SK2603 Datasheet
289Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2614 TOSHIBA-2SK2614 Datasheet
132Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2750 TOSHIBA-2SK2750 Datasheet
278Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2266 TOSHIBA-2SK2266 Datasheet
288Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2350 TOSHIBA-2SK2350 Datasheet
286Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2399 TOSHIBA-2SK2399 Datasheet
292Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com