Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ349 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce 2SJ349
Description  DC−DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ349 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  2SJ349 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ349 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ349 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ349 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ349 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ349 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SJ349
2006-11-16
5
−100
−0.3
−1
10 ms*
DC OPERATION
Tc
= 25°C
VDSS MAX.
* SINGLE
NONREPETITIVE
PULSE Tc
= 25°C
Curves must be
derated linearly with
increase in
temperature.
DRAIN-SOURCE VOLTAGE VDS (V)
SAFE OPERATING AREA
−3
−10
−30
−100
−0.5
−1
−3
−5
−10
−30
−50
1 ms*
100
μs*
ID MAX. (PULSED)*
ID MAX.
(CONTINUOUS)


Numéro de pièce similaire - 2SJ349

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SJ349 TOSHIBA-2SJ349 Datasheet
289Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ349 TOSHIBA-2SJ349 Datasheet
408Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ349 TOSHIBA-2SJ349 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ349FT TOSHIBA-2SJ349FT Datasheet
400Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SJ349 TOSHIBA-2SJ349_09 Datasheet
408Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results

Description similaire - 2SJ349

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_09 Datasheet
420Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ349 TOSHIBA-2SJ349_09 Datasheet
408Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ304 TOSHIBA-2SJ304_09 Datasheet
393Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ378 TOSHIBA-2SJ378_09 Datasheet
402Kb / 6P
   Relay Drive, DC−DC Converter and Motor Drive Applications
2SK1382 TOSHIBA-2SK1382_09 Datasheet
396Kb / 6P
   Relay Drive, Motor Drive and DC−DC Converter Applications
2SJ312 TOSHIBA-2SJ312_07 Datasheet
745Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_09 Datasheet
419Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_02 Datasheet
255Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com