Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT16823DGVRE4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SN74ABT16823DGVRE4
Description  18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16823DGVRE4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74ABT16823DGVRE4 Datasheet HTML 3Page - Texas Instruments SN74ABT16823DGVRE4 Datasheet HTML 4Page - Texas Instruments SN74ABT16823DGVRE4 Datasheet HTML 5Page - Texas Instruments SN74ABT16823DGVRE4 Datasheet HTML 6Page - Texas Instruments SN74ABT16823DGVRE4 Datasheet HTML 7Page - Texas Instruments SN74ABT16823DGVRE4 Datasheet HTML 8Page - Texas Instruments SN74ABT16823DGVRE4 Datasheet HTML 9Page - Texas Instruments SN74ABT16823DGVRE4 Datasheet HTML 10Page - Texas Instruments SN74ABT16823DGVRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN54ABT16823, SN74ABT16823
18-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS217C – JUNE 1992 – REVISED JANUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT16823
SN74ABT16823
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
150
0
150
0
150
MHz
t
Pulse duration
CLR low
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
ns
CLR inactive
1.6
2
1.6
tsu
Setup time before CLK
Data
1.7
1.7
1.7
ns
CLKEN low
2.8
2.8
2.8
th
Hold time after CLK
Data
1.2
1.2
1.2
ns
th
Hold time after CLK
CLKEN low
0.6
0.6
0.6
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT16823
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
CLK
Q
1.6
3.9
5.5
1.6
7.7
ns
tPHL
CLK
Q
2.1
3.9
5.4
2.1
6.4
ns
tPHL
CLR
Q
1.9
4.1
5.3
1.9
6.3
ns
tPZH
OE
Q
1
3.1
4.2
1
5.1
ns
tPZL
OE
Q
1.5
3.5
4.6
1.5
5.7
ns
tPHZ
OE
Q
2.2
4.3
6
2.2
6.8
ns
tPLZ
OE
Q
1.6
4.3
6.4
1.6
9.9
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT16823
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
CLK
Q
1.6
3.9
5.5
1.6
6.8
ns
tPHL
CLK
Q
2.1
3.9
5.4
2.1
6
ns
tPHL
CLR
Q
1.9
4.1
5.3
1.9
6.1
ns
tPZH
OE
Q
1
3.1
4.2
1
4.9
ns
tPZL
OE
Q
1.5
3.5
4.6
1.5
5.5
ns
tPHZ
OE
Q
2.2
4.3
5.6
2.2
6.1
ns
tPLZ
OE
Q
1.6
4.3
6.4
1.6
8.7
ns


Numéro de pièce similaire - SN74ABT16823DGVRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT16823DGVRE4 TI-SN74ABT16823DGVRE4 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ABT16823DGVRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACT16823 TI-54ACT16823_08 Datasheet
344Kb / 12P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI-SN54ABT162823A Datasheet
135Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_06 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABTH16823 TI1-SN54ABTH16823_14 Datasheet
517Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_06 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI1-SN54ABT162823A_15 Datasheet
506Kb / 13P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823 TI1-SN54ABT162823_08 Datasheet
168Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16283A TI-SN54ABT16283A Datasheet
180Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com