Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AQ4041 Fiches technique(PDF) 6 Page - Acutechnology Semiconductor

No de pièce AQ4041
Description  Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACUTECH [Acutechnology Semiconductor]
Site Internet  
Logo ACUTECH - Acutechnology Semiconductor

AQ4041 Fiches technique(HTML) 6 Page - Acutechnology Semiconductor

  AQ4041 Datasheet HTML 1Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 2Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 3Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 4Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 5Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Acutechnology Semiconductor Inc.
AQ4041
www.acutechnology.com
6
Rev. 1.1
June 14, 2007
Package Dimensions
SC70-3, SC70-4, SC70-5, SC70-6
Contact Information
Acutechnology Semiconductor Inc.
TEL: (408) 259-2300
3487 McKee Rd. Suite 52
FAX: (408) 259-9160
San Jose CA , USA 95127
website: www.acutechnology.com
Disclaimer
The information furnished by Acutechnology in this data sheet is believed to be accurate and reliable. However,
Acutechnology assumes no responsibility for its use. Acutechnology reserves the right to change circuitry and specifications
at any time without notification to the customer.
Life Support Policy
Acutechnology Products are not designed or authorized for use as components in life support devices or systems where
malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are
devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to
perform can be reasonably expected to result in a significant injury to the user.


Numéro de pièce similaire - AQ4041

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
AQ4020 LITTELFUSE-AQ4020 Datasheet
673Kb / 5P
   The AQ4020 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4021 LITTELFUSE-AQ4021 Datasheet
677Kb / 5P
   The AQ4021 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4021-01FTG LITTELFUSE-AQ4021-01FTG Datasheet
677Kb / 5P
   The AQ4021 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4021-01FTG-C LITTELFUSE-AQ4021-01FTG-C Datasheet
677Kb / 5P
   The AQ4021 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4022 LITTELFUSE-AQ4022 Datasheet
607Kb / 5P
   AQ4022 Series 1.3pF, 15A Discrete TVS Diode
More results

Description similaire - AQ4041

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com