Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

G9230-01 Fiches technique(PDF) 2 Page - Hamamatsu Corporation

No de pièce G9230-01
Description  InGaAs PIN photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9230-01 Fiches technique(HTML) 2 Page - Hamamatsu Corporation

  G9230-01_04 Datasheet HTML 1Page - Hamamatsu Corporation G9230-01_04 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2004 Hamamatsu Photonics K.K.
Cat. No. KIRD1055E02
Dec. 2004 DN
InGaAs PIN photodiode
G9230-01
1.0
0.2
ANODE
CATHODE
Tolerance unless otherwise noted: ±0.075
Values in parentheses indicate reference value.
ACTIVE AREA
0.3
2.0
0.2
(Typ. Ta=25 ˚C)
0.8
1
1.4
1.6
1.8
WAVELENGTH (µm)
1.0
0.8
0.6
0.4
0.2
0
1.2
1.2
KIRDA0168EA
s Dimensional outline (unit: mm)
s Spectral response
s Dark current vs. reverse voltage
s Terminal capacitance vs. reverse voltage
KIRDB0287EA
2
(Typ. Ta=25 ˚C)
0.01
0.1
10
100
REVERSE VOLTAGE (V)
1 pA
10 nA
1 nA
100 pA
10 pA
1
KIRDB0288EA
(Typ. Ta=25 ˚C, f=1 MHz)
0.1
10
REVERSE VOLTAGE (V)
0.1
100
10
1
1
KIRDB0289EA


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
PD-1170 InGaAs PIN PHOTODIODE 3 mm InGaAs PIN Photdiode with TO-5 Package 1  2  Optoway Technology Inc
G67150 InGaAs PIN photodiode array 1  2  Hamamatsu Corporation
OD125 InGaAs PIN Photodiode for Optical Communications 1  2  3  OKI electronic componets
G8370-81 InGaAs PIN photodiode 1  2  3  Hamamatsu Corporation
PD-1190 InGaAs PIN PHOTODIODE 2 mm InGaAs PIN Photdiode with TO-5 Package 1  2  Optoway Technology Inc
G8376_06 InGaAs PIN photodiode 1  2  Hamamatsu Corporation
PD-1300 InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL 1  2  Optoway Technology Inc
G8421_06 InGaAs PIN photodiode 1  2  3  4  Hamamatsu Corporation
PD-1310 InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL 1  2  Optoway Technology Inc
G8422_06 InGaAs PIN photodiode 1  2  3  4  Hamamatsu Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn