Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP1942CZUE Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TMP1942CZUE
Description  32bit TX System RISC
Download  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP1942CZUE Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TMP1942CZUE Datasheet HTML 1Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 2Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 3Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 4Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 5Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 6Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 7Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 8Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 406 page
background image
TX1942CY/CZ
TMP1942CY/CZ-3
(14) Interrupt sources
4 CPU interrupts:
software interrupt instruction
45 internal interrupts: 7 priority levels, with the exception of the watchdog timer interrupt
29 external interrupts: 7 priority levels, with the exception of the NMI interrupt
The external sources include 14 KWUP sources, which are all assigned to a
single interrupt vector, and 4 extended interrupts (INTB, INTC, INTD, and
INTE), which are all assigned to a single interrupt vector with an identification
flag. Thus, the actual number of external interrupt sources is 13.
(15) 108 pin input/output ports
(16) Three standby function
IDLE, SLEEP, and STOP
(17) Dual clocks
RTC clock: Low-speed clock (32.768 kHz)
(18) Clock generator
On-chip PLL (x4)
Clock gear: Divides the operating speed of the CPU by 1/2, 1/4 or 1/8
(19) Operating voltage range: 2.7 to 3.6 V
PC and PF are 2.7 to 3.6 V or 4.5 to 5.25 V for 5 V-enabled ports.
(20) Operating frequency
32 MHz (Vcc
≥ 3.0 V)
28 MHz (Vcc
≥ 2.7 V)
(21) Package
144-pin QFP (16 x 16 x 1.4 (t) mm, 0.4-mm pitch): FDUE/CZUE/CYUE
177-pin CSP (13 x 13 x 1.4 (t) mm, 0.8-mm pitch): FDXBG/CZXBG
Note: TMP1942FDXBG (Package: 177-pin CSP) is under development.


Numéro de pièce similaire - TMP1942CZUE

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TMP1942FDU TOSHIBA-TMP1942FDU Datasheet
1Mb / 106P
   32bit TX System RISC
TMP1942XBG TOSHIBA-TMP1942XBG Datasheet
1Mb / 106P
   32bit TX System RISC
More results

Description similaire - TMP1942CZUE

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TMP1942FDU TOSHIBA-TMP1942FDU Datasheet
1Mb / 106P
   32bit TX System RISC
TX19A TOSHIBA-TX19A Datasheet
2Mb / 491P
   32Bit TX System RISC
TMP1941AF TOSHIBA-TMP1941AF Datasheet
3Mb / 354P
   32-Bit TX System RISC
TX4939 TOSHIBA-TX4939 Datasheet
7Mb / 756P
   64-Bit TX System RISC
TX4939XBG-400 TOSHIBA-TX4939XBG-400 Datasheet
6Mb / 740P
   64-Bit TX System RISC TX49 Family
TMPR4938 TOSHIBA-TMPR4938 Datasheet
3Mb / 716P
   64-Bit TX System RISC TX49 Family
TMPR4955B TOSHIBA-TMPR4955B Datasheet
1Mb / 292P
   64-Bit TX System RISC TX49 Family
TMPR4956C TOSHIBA-TMPR4956C Datasheet
1Mb / 286P
   64-Bit TX System RISC TX49 Family
TMPR4937 TOSHIBA-TMPR4937 Datasheet
3Mb / 552P
   64-Bit TX System RISC TX49 Family
TMPR4951B TOSHIBA-TMPR4951B Datasheet
1Mb / 256P
   64-Bit TX System RISC TX49 Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com