Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

C9732DK Fiches technique(PDF) 1 Page - Hamamatsu Corporation

No de pièce C9732DK
Description  Flat panel sensor Large area/soft X-ray imaging, high resolution
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9732DK Fiches technique(HTML) 1 Page - Hamamatsu Corporation

  C9732DK Datasheet HTML 1Page - Hamamatsu Corporation C9732DK Datasheet HTML 2Page - Hamamatsu Corporation C9732DK Datasheet HTML 3Page - Hamamatsu Corporation C9732DK Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IMAGE
SENSOR
Flat panel sensor
Large area/soft X-ray imaging, high resolution
C9732DK
Flat panel sensor C9732DK is two-dimensional CMOS image sensor module designed for X-ray imaging which requires high resolution,
large area and wide dynamic range. A target material of X-ray source and X-ray energy adequate for the sensor is Mo and 17 keV. The
device shape is thin cassette which incorporate on-chip high-resolution scintillator and a control board. An on-board USB2.0 interface can
realize fast data transfer with C9732DK.
Applications
Features
l X-ray imaging (optimized to 17 keV)
l High resolution
l 2400 × 2400 pixels (50 µm pitch)
l 14-bit digital output
l High-speed imaging:
1 frame/s (single operation)
l CsI scintillator directly deposited on photosensitive surface
l No dead area (insensitive area) due to seamless structure
1
s Block diagram
C9732DK is a lightweight and compact flat panel sensor consisting of a sensor board and a control board. The sensor board also
has 8 charge-sensitive amplifier arrays each having 300 channel amplifiers with a horizontal shift register. Analog video signals
are amplified as the charge on each video line by 2400 ch charge amplifiers with CDS (Correlated Double Sampling) circuits, and
are output is obtained from each of 8 amplifier arrays. The control board converts the analog video signal into a 14-bit digital
signal and outputs it to an PC through the USB2.0 interface.
KACCC0310EB
AMP ARRAY No. 1
KACCC0310EB
TIMING
PULSE
GENERATOR
OSCILLATOR
PIXEL NUMBER
TrgOut
A/D
EXTERNAL POWER SUPPLY
A.vdd, D.vdd (not attached)
AMP ARRAY No. 8
PHOTODIODE
ARRAY
WITH DIRECTLY
DEPOSITED CsI
SCINTILLATOR
BUFFER
AMP
BUFFER
AMP
PROCESSING
AMP
PROCESSING
AMP
12
5760000
5759999
2400
2399
4800
4799
2401
BIAS
GENERATOR
USB IC
TrgIn
FIFO
A/D
FIFO
VIDEO DATA
FLAT PANEL CONTROL
(USB2.0 INTERFACE)
Note: Signals are read out in order of pixel number.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn