Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

C9732DK Fiches technique(PDF) 3 Page - Hamamatsu Corporation

No de pièce C9732DK
Description  Flat panel sensor Large area/soft X-ray imaging, high resolution
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9732DK Fiches technique(HTML) 3 Page - Hamamatsu Corporation

  C9732DK Datasheet HTML 1Page - Hamamatsu Corporation C9732DK Datasheet HTML 2Page - Hamamatsu Corporation C9732DK Datasheet HTML 3Page - Hamamatsu Corporation C9732DK Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Flat panel sensor
C9732DK
ACTIVE AREA 118.4
14.5
7
9
8.1
73
266
Top cover material including window is carbon fiber (1.0 mm thickness).
Weight: 1.2 kg
* ±0.5
166 *
47.5 *
261 *
C1.3
(6 ×) M3 DEPTH 4
(0, 0)
(2367, 2339)
CMOS FLAT PANEL SENSOR
C9732DK
3
s Dimensional outline (unit: mm, tolerance: ±1 mm unless otherwise noted)
KACCA0177EB
Table 1: Pin assignment and cable color for 9-pin power receptacle
Pin No.
Color
Signal
1
Yellow
Digital GND
2
Blue
Digital GND
3
Gray
Analog GND
4
Black
Analog GND
5
Red
Analog GND
6
Green
Digital +5 V
7
Purple
Digital +5 V
8
White
Analog +5 V
9
Brown
Analog +5 V
9-pin receptacle: DE-9PF-N made by JAE (Japan Aviation Electronics Industry, Limited)
Mating plug: JST J-C9-2C made by JST Mfg. Co., Ltd.
Table 2: Pin assignment and color cable for 4-pin trigger cable
Pin No.
Color
Signal
1Blue
TrgIn
2
Orange
Twist pair
Digital GND
3
Green
TrgOut
4
Brown
Twist pair
Digital GND
4-pin receptacle: ECG. 0B. 304. CLL made by LEMO S. A.
Mating plug: FGG. 0B. 304. CLAD56 made by LEMO S. A.
s System requirements
To operate C9732DK at full performance, the following system and peripherals are required.
· PC: Intel Pentium IV 3 GHz (or CPU comparable) or higher recommended with USB2.0 on mother board and 1 GB memory.
· OS: Windows XP
· Power source: A. vdd = +5.0 ± 0.1 V (1100 mA), D. vdd = +5.0 ± 0.1 V (300 mA)
Please use a series power supply is recommended. (Avoid using a switching power supply.) A optional power source (PS4M-
L) is provided for AC100, 115, 230 V input voltages. A power cable (terminated with a JSTJ-C9-2C plug at one end and open
at the other end; 2 m; see Table 1.) and an external trigger cable (terminated with an FGG.OB.304.CLAD56 plug at one end and
open at the other end; 5 m; see table 2.) comes supplied with C9732DK. C9732DK does not include USB cable.
The voltages described above are specified at the flat panel sensor side. The impedance of the power cable attached with the
flat panel sensor is low enough but it causes 0.1 V approx. drop. Therefore the voltage at the power source side should be set
0.1 V higher than the voltage specified above. Install a noise filter on the AC power input line to prevent surges on the AC line.
DCAM-API (Digital Camera Application Programming Interface) produced by Hamamatsu supports C9732DK. The driver
software, DLL and sample software are included in DCAM-API. The latest version of DCAM-API can be downloaded from http:/
/www.dcamapi.com/. The USB receptacle is mini-B type. The mini-B USB cable is not attached. The earth terminal must be
connected to a stable earth point to eliminate noise from surroundings.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn