Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U20GL2C48A Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce U20GL2C48A
Description  SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER and CHOPPER APPLICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U20GL2C48A Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  U20GL2C48A_07 Datasheet HTML 1Page - Toshiba Semiconductor U20GL2C48A_07 Datasheet HTML 2Page - Toshiba Semiconductor U20GL2C48A_07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
U20GL2C48A
2006-11-08
1
TOSHIBA HIGH EFFICIENCY DIODE STACK (HED) SILICON EPITAXIAL TYPE
U20GL2C48A
SWITCHING MODE POWER SUPPLY APPLICATION
CONVERTER and CHOPPER APPLICATION
Repetitive Peak Reverse Voltage
: VRRM = 400V
Average Output Rectified Current
: IO = 20A
Ultra Fast Reverse−Recovery Time : trr = 35ns (Max)
Low Switching Losses and Output Noise
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
400
V
Average Output Rectified Current
IO
20
A
100 (50Hz)
Peak One Cycle Surge Forward
Current (Sin Wave)
IFSM
110 (60Hz)
A
Junction Temperature
Tj
−40~150
°C
Storage Temperature Range
Tstg
−40~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Peak Forward Voltage
VFM
IFM = 10A
1.8
V
Repetitive Peak Reverse Current
IRRM
VRRM = 400V
50
μA
Reverse Recovery Time
trr
IF = 2A, di / dt = −50A / μs
35
ns
Forward Recovery Time
tfr
IF = 1A
100
ns
Thermal Resistance
Rth (j−c)
Total DC, Junction to Case
1.6
°C / W
Note:
VFM, IRRM, trr, tfr ········ A value applied to one cell.
POLARITY
Unit: mm
JEDEC
JEITA
TOSHIBA
12-10D2A
Weight:
g (typ.)


Numéro de pièce similaire - U20GL2C48A_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
U20GL2C48A TOSHIBA-U20GL2C48A Datasheet
93Kb / 2P
   TOSHIBA HIGH EFFICIENCY DIODE STACK (HED) SILICON EPITAXIAL TYPE
More results

Description similaire - U20GL2C48A_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
U30QWK2C53 TOSHIBA-U30QWK2C53 Datasheet
149Kb / 5P
   Switching Mode Power Supply Application Converter&Chopper Application
U30GWJ2C53C TOSHIBA-U30GWJ2C53C Datasheet
145Kb / 5P
   Switching Mode Power Supply Application Converter&Chopper Application
U20JL2C48A TOSHIBA-U20JL2C48A_07 Datasheet
261Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
5GUZ47 TOSHIBA-5GUZ47 Datasheet
131Kb / 3P
   SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
U20JL2C48A TOSHIBA-U20JL2C48A Datasheet
237Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
KEC(Korea Electronics)
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR545CT KEC-MBR545CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR1545CT KEC-MBR1545CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com