Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1032F Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TPD1032F
Description  2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1032F Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TPD1032F Datasheet HTML 1Page - Toshiba Semiconductor TPD1032F Datasheet HTML 2Page - Toshiba Semiconductor TPD1032F Datasheet HTML 3Page - Toshiba Semiconductor TPD1032F Datasheet HTML 4Page - Toshiba Semiconductor TPD1032F Datasheet HTML 5Page - Toshiba Semiconductor TPD1032F Datasheet HTML 6Page - Toshiba Semiconductor TPD1032F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPD1032F
2006-10-31
1
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1032F
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
The TPD1032F is a 2-IN-1 low-side switch.
The IC has a vertical MOSFET output which can be directly
driven from a CMOS or TTL logic circuit (e.g., an MPU). The IC
is equipped with intelligent self-protection functions.
Features
• Two built-in power IC chips with a new structure combining a
control block and a vertical power MOSFET (L2-
π-MOS) on
each chip.
• Can directly drive a power load from a CMOS or TTL logic.
• Built-in protection circuits against overvoltage (active clamp),
overtemperature (thermal shutdown), and overcurrent (current limiter).
• Low Drain-Source ON-resistance: RDS (ON) = 0.4 Ω (max) (@VIN = 5 V, ID = 1 A, Tch = 25°C)
• Low Leakage Current: IDSS = 10 μA (max) (@VIN = 0 V, VDS = 20 V, Tch = 25°C)
• Low Input Current: IIN = 300 μA (max) (@VIN = 5 V, Tch = -40~110°C)
• 8-pin SOP package for surface with embossed-tape packing.
Pin Assignment (top view)
Note1: Due to its MOS structure, this product is sensitive to static electricity.
Marking
Weight: 0.08 g (typ.)
SOURCE1
IN1
SOURCE2
1
2
3
8
6
7
DRAIN1
DRAIN1
DRAIN2
IN2 4
5 DRAIN2
T P D 103 2
F
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Numéro de pièce similaire - TPD1032F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD1032F TOSHIBA-TPD1032F Datasheet
112Kb / 5P
   Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
More results

Description similaire - TPD1032F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F_13 Datasheet
289Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F Datasheet
112Kb / 5P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com