Moteur de recherche de fiches techniques de composants électroniques |
|
TPD1024S Fiches technique(PDF) 2 Page - Toshiba Semiconductor |
|
TPD1024S Fiches technique(HTML) 2 Page - Toshiba Semiconductor |
2 / 8 page TPD1024S 2006-10-31 2 Block Diagram Pin Description Pin No. Symbol Function 1 IN Input pin. Input is CMOS-compatible, with pull-down resistor connected. Even if the input is open, output will not accidentally turn on. 2 OUT Output pin. When current in excess of the typical current (3.5 A (typ.)) flows to the output pin, the current limiter operates to protect the IC. 3 GND Ground pin. Timing Chart |
Numéro de pièce similaire - TPD1024S_07 |
|
Description similaire - TPD1024S_07 |