Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCP8302 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TPCP8302
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8302 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TPCP8302 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8302 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8302 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8302 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8302 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8302 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8302 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCP8302
2006-11-17
4
−0.8
−1.2
−2.0
−2.4
−1.6 V
−10 V
−6 V
−3 V
−2.5 V
−2 V
−1.4 V
−1.8 V
VGS = −1.2V
−4 V
−2.2 V
−3 V
−1.8 V
VGS = −1.2 V
−4 V
−10 V
−6 V
−2 V
−2.2 V
−2.5 V
−1.6 V
−1.4 V
VGS = −1.8 V
−2.5 V
−4 V
Ta
= −55°C
25°C
100°C
−2.5 A
ID = −5 A
−1.3 A
Ta
= −55°C
100°C
25°C
0
−0.4
−0.8
−1.2
−1.6
−2.0
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
−2
−4
−6
−8
−10
0
−4
−8
−12
−16
−20
0
−4
−6
−10
−12
0
−0.4
0
−0.4
−0.6
−0.8
−1.0
−1.2
0
−2
−4
−6
−8
−10
1
10
100
−0.1
−1
−10
Common source
Ta
= 25°C
Pulse test
10
1000
100
−0.1
−1
−10
−8
−2
Common source
Ta
= 25°C
Pulse test
Common source
VDS = −10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = −10 V
Pulse test
−1.6
−0.2
Common source
Ta
= 25°C
Pulse test
Drain
−source voltage VDS (V)
Drain-source voltage VDS (V)
Gate
−source voltage VGS (V)
Gate
−source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)


Numéro de pièce similaire - TPCP8302

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCP8302 TOSHIBA-TPCP8302 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
More results

Description similaire - TPCP8302

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com