Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC4002F3A Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HC4002F3A
Description  High-Speed CMOS Logic Dual 4-Input NOR Gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4002F3A Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CD54HC4002F3A Datasheet HTML 3Page - Texas Instruments CD54HC4002F3A Datasheet HTML 4Page - Texas Instruments CD54HC4002F3A Datasheet HTML 5Page - Texas Instruments CD54HC4002F3A Datasheet HTML 6Page - Texas Instruments CD54HC4002F3A Datasheet HTML 7Page - Texas Instruments CD54HC4002F3A Datasheet HTML 8Page - Texas Instruments CD54HC4002F3A Datasheet HTML 9Page - Texas Instruments CD54HC4002F3A Datasheet HTML 10Page - Texas Instruments CD54HC4002F3A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Numéro de pièce similaire - CD54HC4002F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4002F3A TI-CD54HC4002F3A Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
More results

Description similaire - CD54HC4002F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC4002 TI-CD74HC4002 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC02 TI-CD54HC02 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC02 TI-CD74HC02 Datasheet
39Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC02 TI-CD54HC02_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NOR Gate
logo
ELM Technology Corporat...
ELM7SH02XB ELM-TECH-ELM7SH02XB Datasheet
277Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NOR gate
logo
Texas Instruments
CD54HC02 TI1-CD54HC02_14 Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com