Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7474PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF7474PBF
Description  HEXFET짰Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7474PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF7474PBF Datasheet HTML 1Page - International Rectifier IRF7474PBF Datasheet HTML 2Page - International Rectifier IRF7474PBF Datasheet HTML 3Page - International Rectifier IRF7474PBF Datasheet HTML 4Page - International Rectifier IRF7474PBF Datasheet HTML 5Page - International Rectifier IRF7474PBF Datasheet HTML 6Page - International Rectifier IRF7474PBF Datasheet HTML 7Page - International Rectifier IRF7474PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7474PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
6.5
–––
–––
S
VDS = 50V, ID = 2.7A
Qg
Total Gate Charge
–––
27
41
ID = 2.7A
Qgs
Gate-to-Source Charge
–––
10
–––
nC
VDS = 50V
Qgd
Gate-to-Drain ("Miller") Charge
–––
9.0
–––
VGS = 10V,
td(on)
Turn-On Delay Time
–––
14
–––
VDD = 50V
tr
Rise Time
–––
7.9
–––
ID = 2.7A
td(off)
Turn-Off Delay Time
–––
16
–––
RG = 6.0Ω
tf
Fall Time
–––
5.9
–––
VGS = 10V
ƒ
Ciss
Input Capacitance
–––
1400 –––
VGS = 0V
Coss
Output Capacitance
–––
100
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
56
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
380
–––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
68
–––
VGS = 0V, VDS = 80V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
110
–––
VGS = 0V, VDS = 0V to 80V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
51
mJ
IAR
Avalanche Current

–––
2.7
A
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 2.7A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
45
–––
ns
TJ = 25°C, IF = 2.7A
Qrr
Reverse RecoveryCharge
–––
100
–––
nC
di/dt = 100A/µs
ƒ
Diode Characteristics
2.3
36
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C
Reference to 25°C, ID = 1mA
ƒ
RDS(on)
Static Drain-to-Source On-Resistance
–––
50
63
m
VGS = 10V, ID = 2.7A
ƒ
VGS(th)
Gate Threshold Voltage
3.5
–––
5.5
V
VDS = VGS, ID = 250µA
–––
–––
1.0
µA
VDS = 95V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
IGSS
IDSS
Drain-to-Source Leakage Current


Numéro de pièce similaire - IRF7474PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7474 IRF-IRF7474 Datasheet
224Kb / 8P
   HEXFET Power MOSFET
More results

Description similaire - IRF7474PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com