Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8881SRGERG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce DAC8881SRGERG4
Description  16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC8881SRGERG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button DAC8881SRGERG4 Datasheet HTML 3Page - Texas Instruments DAC8881SRGERG4 Datasheet HTML 4Page - Texas Instruments DAC8881SRGERG4 Datasheet HTML 5Page - Texas Instruments DAC8881SRGERG4 Datasheet HTML 6Page - Texas Instruments DAC8881SRGERG4 Datasheet HTML 7Page - Texas Instruments DAC8881SRGERG4 Datasheet HTML 8Page - Texas Instruments DAC8881SRGERG4 Datasheet HTML 9Page - Texas Instruments DAC8881SRGERG4 Datasheet HTML 10Page - Texas Instruments DAC8881SRGERG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.ti.com
TIMING CHARACTERISTICS for Figure 1
(1) (2) (3)
DAC8881
SBAS422A – JULY 2007 – REVISED SEPTEMBER 2007
At –40
°C to +105°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
MAX
UNIT
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
40
MHz
fSCLK
Maximum clock frequency
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
50
MHz
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
50
ns
t1
Minumum CS high time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
30
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
t2
CS falling edge to SCLK rising edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
8
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
SCLK falling edge to CS falling edge setup
t3
time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
t4
SCLK low time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
15
ns
t5
SCLK high time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
25
ns
t6
SCLK cycle time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
20
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
t7
SCLK rising edge to CS rising edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
8
ns
t8
Input data setup time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
t9
Input data hold time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
t14
CS rising edge to LDAC falling edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
15
ns
t15
LDAC pulse width
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
(1)
All input signals are specified with tR = tF = 2ns (10% to 90% of IOVDD) and timed from a voltage level of IOVDD/2.
(2)
Ensured by design. Not production tested.
(3)
Sample tested during the initial release and after any redesign or process changes that may affect these parameters.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC8881


Numéro de pièce similaire - DAC8881SRGERG4

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
DAC888 AD-DAC888_15 Datasheet
3Mb / 12P
   8-BIt LevelTriggered Latch
REV. B
More results

Description similaire - DAC8881SRGERG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com