Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCP8F01 Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TPCP8F01
Description  TOSHIBA Multi-chip Device Silicon PNP Epitaxial Transistor , Field Effect Transistor Silicon N Channel MOS Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8F01 Fiches technique(HTML) 6 Page - Toshiba Semiconductor

  TPCP8F01 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TPCP8F01
2006-11-13
6
Nch-MOS
ID – VDS
Drain
−source voltage VDS (V)
0
250
50
150
100
200
0
0.5
2.0
1.0
1.5
10
4 3
1.5
VGS = 1.3 V
Common source
Ta
= 25°C
RDS (ON) − ID
Drain current ID (A)
0
12
2
8
4
10
1
1000
10
100
RDS (ON) – Ta
Ambient temperature Ta (°C)
0
8
1
3
7
0
−25
150
75
125
⎪Yfs⎪ − ID
Drain current ID (A)
1
1000
100
10
1
1000
10
100
t
− ID
Drain current ID (mA)
10
10000
100
0.1
100
10
Common source
VDS = 20 V
Ta = 25°C
toff
tr
ton
C
− VDS
Drain
−source voltage VDS (V)
1
100
0.1
100
VGS = 1.5 V
Common source
Ta
= 25°C
1
2.3
2.5
2.1
4
100
50
25
2.5
1.7
1.9
4
6
Common source
6
5
2
tf
Common source
VDD = 3 V
VGS = 0 to 2.5V
Ta = 25°C
1
1000
10
10
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C


Numéro de pièce similaire - TPCP8F01

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCP8F01 TOSHIBA-TPCP8F01 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Description similaire - TPCP8F01

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCP8H02 TOSHIBA-TPCP8H02 Datasheet
249Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
TPCP8H01 TOSHIBA-TPCP8H01 Datasheet
253Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com