Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33927EK Fiches technique(PDF) 8 Page - Freescale Semiconductor, Inc

No de pièce MCZ33927EK
Description  Three-Phase Field Effect Transistor Pre-Driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33927EK Fiches technique(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33927EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33927
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 8.0V
≤ V
PWR =VBAT ≤ 40V, -40°C ≤ T
A ≤ 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUTS
VBAT Supply Voltage Startup Threshold(8)
VBAT_ST
6.0
8.0
V
VBAT Supply Current, VPWR = VBAT = 40V
RST and ENABLE = 5.0V
No output loads on Gate Drive Pins, No PWM
No output loads on Gate Drive Pins, 20kHz, 50% Duty Cycle
IBAT
1.0
10
mA
VPWR Supply Current, VPWR = VBAT = 40V
RST and ENABLE = 5.0V
No output loads on Gate Drive Pins, No PWM
Output Loads = 620nC per FET, 20kHz PWM(9)
IPWR_ON
11
20
95
mA
Sleep State Supply Current, RST = 0V
VBAT = 40V
VPWR = 40V
IBAT
IPWR
14
56
30
100
µA
Sleep State Output Gate Voltage
IG < 100µA
VGATESS
1.3
V
Trickle Charge Pump (Bootstrap Voltage)
VBAT = 14V
VBoot
22
28
32
V
Bootstrap Diode Forward Voltage at 10mA
VF
1.2
V
VDD V INTERNAL REGULATOR
VDD Output Voltage, VPWR = 8V to 40V, C = 0.47µF
(10)
External Load IDD_EXT = 0 to 1.0mA
VDD
4.5
5.5
V
Internal VDD Supply Current, VDD = 5.5V, No External Load
IDD
12
mA
VLS REGULATOR
Peak Output Current, VPWR = 16V, VLS = 10V
IPEAK
350
600
800
mA
Linear Regulator Output Voltage, IVLS = 0 to 60mA
(11)
VLS
13.5
15
17
V
VLS Disable Threshold(12)
VTHVLS
7.5
8.0
8.5
V
Notes
8.
When minimum system voltage could be less than 14V operation with the Charge Pump is recommended. VBAT must exceed this
threshold in order for the Charge Pump and VDD regulator to startup and drive VPWR to > 8.0V. Once VPWR exceeds 8.0V, the circuits
will continue to operate even if VBAT drops below 6.0V.
9.
This parameter is guaranteed by design. It is not production tested.
10.
Minimum external capacitor for stable VDD operation is 0.47µF.
11.
Recommended external capacitor for the VLS regulator is 2.2µF low ESR at each pin VLS and VLS_CAP.
12.
When VLS is less than this value, the outputs are disabled and HOLDOFF circuits are active.


Numéro de pièce similaire - MCZ33927EK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33927EK/R2 FREESCALE-MCZ33927EK/R2 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
More results

Description similaire - MCZ33927EK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com