Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8135AB Fiches technique(PDF) 5 Page - Nippon Precision Circuits Inc

No de pièce SM8135AB
Description  White LED Driver IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8135AB Fiches technique(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8135AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SM8135A
SEIKO NPC CORPORATION —5
FUNCTIONAL DESCRIPTION
LED Drive Current Setting
The SM8135A LED drive current can be set using a combination of 2 methods: (1) current setting resistance
connected to ISET, and (2) PWM signal input control on the EN pin.
(1) Setting LED drive current using RSET
The LED drive maximum current value per LED (ILED MAX) is determined by the resistor (RSET) connected
to the ISET pin. The relationship between RSET and ILED MAX is given by the following equation.
ILED MAX [mA] = 2400/RSET [kΩ]
(For example, ILED MAX = 20mA when RSET = 120kΩ.)
The RSET resistance has a minimum rating of 60k
Ω. At this value of resistance, the ILED MAX has a maximum
rating of 40mA/LED. However, note that the total LED drive current for all LEDs must not exceed 80mA.
ISET
RSET
GND
RSET vs. ILED MAX
0
10
20
30
40
50
0
100
RSET [k
Ω]
200
300
400
500


Numéro de pièce similaire - SM8135AB

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8135BB NPC-SM8135BB Datasheet
148Kb / 19P
   White LED Driver IC
More results

Description similaire - SM8135AB

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com