Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61161DRVR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61161DRVR
Description  White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61161DRVR Fiches technique(HTML) 1 Page - Texas Instruments

  TPS61161DRVR Datasheet HTML 1Page - Texas Instruments TPS61161DRVR Datasheet HTML 2Page - Texas Instruments TPS61161DRVR Datasheet HTML 3Page - Texas Instruments TPS61161DRVR Datasheet HTML 4Page - Texas Instruments TPS61161DRVR Datasheet HTML 5Page - Texas Instruments TPS61161DRVR Datasheet HTML 6Page - Texas Instruments TPS61161DRVR Datasheet HTML 7Page - Texas Instruments TPS61161DRVR Datasheet HTML 8Page - Texas Instruments TPS61161DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
C1
D1
VIN
SW
FB
GND
CTRL
COMP
C2
20mA
TPS61161
ON/OFF
DIMMING
CONTROL
V 3Vto18V
I
L1
22
H
m
1
F
m
C3
220nF
R
10
set
W
1
F
m
L1: TDKVLCF5020T-220MR75-1
C1:MurataGRM188R61E105K
C2: MurataGRM21BR71H105K
D1:ONsemiMBR0540T1
TPS61160
TPS61161
SLVS791 – NOVEMBER 2007
www.ti.com
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm
QFN Package for up to 10 LEDs in Series
• 2.7V to 18V Input Voltage Range
• 26V Open LED Protection for 6 LEDs
With a 40-V rated integrated switch FET, the
TPS61160/1 is a boost converter that drives up to 10
(TPS61160)
LEDs in series. The boost converter runs at 600kHz
38V Open LED Protection for 10 LEDs
fixed switching frequency to reduce output ripple,
(TPS61161)
improve conversion efficiency, and allows for the use
• 200mV Reference Voltage With ±2% Accuracy
of small external components.
• Flexible Digital and PWM Brightness Control
The default white LED current is set with the external
• Built-in Soft Start
sensor resistor Rset, and the feedback voltage is
regulated
to
200mV,
as
shown
in
the
typical
• Up to 90% Efficiency
application. During the operation, the LED current can
• 2mm × 2mm × 0.8mm 6-pin QFN Package With
be controlled using the 1 wire digital interface
Thermal Pad
(Easyscale™
protocol)
through
the
CTRL
pin.
Alternatively, a pulse width modulation (PWM) signal
can be applied to the CTRL pin through which the
• Cellular Phones
duty
cycle
determines
the
feedback
reference
voltage.
In
either
digital
or
PWM
mode,
the
• Portable Media Players
TPS61160/1
does
not
burst
the
LED
current;
• Ultra Mobile Devices
therefore, it does not generate audible noises on the
• GPS Receivers
output capacitor. For maximum protection, the device
• White LED Backlighting for Media Form Factor
features integrated open LED protection that disables
Display
the TPS61160/1 to prevent the output from exceeding
the absolute maximum ratings during open LED
conditions.
The TPS61160/1 is available in a space-saving,
2mm
× 2mm QFN package with thermal pad.
Figure 1. Typical Application of TPS61161
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS61161DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61161DRVR TI1-TPS61161DRVR Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61161DRVR TI1-TPS61161DRVR Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61161DRVRG4 TI1-TPS61161DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61161DRVRG4 TI1-TPS61161DRVRG4 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Description similaire - TPS61161DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
885Kb / 25P
[Old version datasheet]   WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
logo
Rohm
BD6067GU ROHM-BD6067GU_12 Datasheet
564Kb / 17P
   White LED Driver with PWM Brightness Control for up to 8 LEDs in Series
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com