Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7401 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV7401
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7401 Fiches technique(HTML) 1 Page - Analog Devices

  ADV7401 Datasheet HTML 1Page - Analog Devices ADV7401 Datasheet HTML 2Page - Analog Devices ADV7401 Datasheet HTML 3Page - Analog Devices ADV7401 Datasheet HTML 4Page - Analog Devices ADV7401 Datasheet HTML 5Page - Analog Devices ADV7401 Datasheet HTML 6Page - Analog Devices ADV7401 Datasheet HTML 7Page - Analog Devices ADV7401 Datasheet HTML 8Page - Analog Devices ADV7401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
10-Bit, Integrated, Multiformat SDTV/HDTV
Video Decoder and RGB Graphics Digitizer
ADV7401
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 200
5 Analog Devices, Inc. All rights reserved.
FEATURES
Four 10-bit ADCs sampling up to 140 MHz
(140 MHz speed grade only)
12 analog input channel mux
SCART fast blank support
Internal antialias filters
NTSC/PAL/SECAM color standards support
525p-/625p-component progressive scan support
720p-/1080i-component HDTV support
Digitizes RGB graphics up to 1280 × 1024 @ 75 Hz (SXGA)
(140 MHz speed grade only)
24-bit digital input port supports data from DVI/HDMI Rx IC
Any-to-any, 3 × 3 color-space conversion matrix
Industrial temperature range (−40°C to +85°C)
12-bit 4:4:4/8-bit 4:2:2 DDR pixel output interface
Programmable interrupt request output pin
VBI data slicer (including teletext)
APPLICATIONS
LCD/DLP™ rear projection HDTVs
PDP HDTVs
CRT HDTVs
LCD/DLP front projectors
LCD TV (HDTV ready)
HDTV STBs with PVR
Hard-disk-based video recorders
Multiformat scan converters
DVD recorders with progressive scan input support
AVR receiver
GENERAL DESCRIPTION
The ADV7401 is a high quality, single chip, multiformat video
decoder and graphics digitizer. This multiformat decoder
supports the conversion of PAL, NTSC, and SECAM standards
in the form of composite or S-video into a digital ITU-R BT.656
format. The ADV7401 also supports the decoding of a
component RGB/YPrPb video signal into a digital YCrCb or
RGB pixel output stream. The support for component video
includes standards such as 525i, 625i, 525p, 625p, 720p, 1080i,
1250i, and many other HD and SMPTE standards. Graphic
digitization is also supported by the ADV7401; it is capable of
digitizing RGB graphics signals from VGA to SXGA rates and
converting them into a digital RGB or YCrCb pixel output
stream. SCART and overlay functionality are enabled by the
ADV7401’s ability to simultaneously process CVBS and
standard definition RGB signals. The mixing of these signals is
controlled by the fast blank pin.
The ADV7401 contains two main processing sections. The first
is the standard definition processor (SDP), which processes all
PAL, NTSC, and SECAM signal types. The second is the
component processor (CP), which processes YPrPb and RGB
component formats, including RGB graphics. For more specific
descriptions of the ADV7401 features, see the Detailed
Functionality and Detailed Description sections.


Numéro de pièce similaire - ADV7401

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401BSTZ-80 AD-ADV7401BSTZ-80 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401KSTZ-140 AD-ADV7401KSTZ-140 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
More results

Description similaire - ADV7401

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com