Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7401 Fiches technique(PDF) 4 Page - Analog Devices |
|
ADV7401 Fiches technique(HTML) 4 Page - Analog Devices |
4 / 20 page ADV7401 Rev. SpA | Page 4 of 20 ELECTRICAL CHARACTERISTICS @ AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V, nominal input range 1.6 V. Operating temperature range, unless otherwise noted. Table 1. Parameter1, , 2 3 Symbol Test Conditions Min Typ Max Unit STATIC PERFORMANCE4, 5 Resolution (each ADC) N 10 Bits Integral Nonlinearity INL BSL at 27 MHz (at a 10-bit level) ±0.6 ±2.5 LSB Integral Nonlinearity INL BSL at 54 MHz (at a 10-bit level) −0.6/+0.7 LSB Integral Nonlinearity INL BSL at 74 MHz (at a 10-bit level) ±1.4 LSB Integral Nonlinearity INL BSL at 110 MHz (at an 8-bit level)6 ±0.9 LSB Integral Nonlinearity INL BSL at 135 MHz (at an 8-bit level)7 ±1.5 LSB Differential Nonlinearity DNL At 27 MHz (at a 10-bit level) −0.2/+0.25 −0.99/+2.5 LSB Differential Nonlinearity DNL At 54 MHz (at a 10-bit level) −0.2/+0.25 LSB Differential Nonlinearity DNL At 74 MHz (at a 10-bit level) ±0.9 LSB Differential Nonlinearity DNL At 110 MHz (at an 8-bit level)6 −0.2/+1.5 LSB Differential Nonlinearity DNL At 135 MHz (at an 8-bit level)7 −0.9/+3.0 LSB DIGITAL INPUTS8 Input High Voltage9 VIH 2 V Input Low Voltage10 VIL 0.8 V Input High Voltage VIH HS_IN, VS_IN low trigger mode 0.7 V Input Low Voltage VIL HS_IN, VS_IN low trigger mode 0.3 V Input Current IIN Pins listed in Note 11 −60 +60 μ A All other input pins −10 +10 μ A Input Capacitance8 CIN 10 pF DIGITAL OUTPUTS Output High Voltage12 VOH ISOURCE = 0.4 mA 2.4 V Output Low Voltage12 VOL ISINK = 3.2 mA 0.4 V High Impedance Leakage Current ILEAK Pins listed in Note 13 60 μ A All other output pins 10 μ A Output Capacitance8 COUT 20 pF POWER REQUIREMENTS8 Digital Core Power Supply DVDD 1.65 1.8 2 V Digital I/O Power Supply DVDDIO 3.0 3.3 3.6 V PLL Power Supply PVDD 1.71 1.8 1.89 V Analog Power Supply AVDD 3.15 3.3 3.45 V Digital Core Supply Current IDVDD CVBS input sampling at 54 MHz 105 mA Graphics RGB sampling at 135 MHz 137 mA SCART RGB FB sampling at 54 MHz 106 mA Digital I/O Supply Current IDVDDIO CVBS input sampling at 54 MHz 4 mA Graphics RGB sampling at 135 MHz 19 mA PLL Supply Current IPVDD CVBS input sampling at 54 MHz 11 mA Graphics RGB sampling at 135 MHz 12 mA Analog Supply Current14 IAVDD CVBS input sampling at 54 MHz 99 mA Graphics RGB sampling at 135 MHz 242 mA SCART RGB FB sampling at 54 MHz 269 mA Power-Down Current IPWRDN 2.25 mA Green Mode Power-Down IPWRDNG Sync bypass function 16 mA Power-Up Time TPWRUP 20 ms 1 The min/max specifications are guaranteed over this range. 2 Temperature range TMIN to TMAX: −40°C to +85°C (0°C to 70°C temperature range for ADV7401KSTZ-140). 3 All specifications obtained using programming scripts with the following sequence included: Addr 0x0E - data 0x80, Addr 0x54 - data 0x00, Addr 0x0E - data 0x00. 4 All ADC linearity tests performed at input range of full scale – 12.5%, and at zero scale + 12.5%. |
Numéro de pièce similaire - ADV7401 |
|
Description similaire - ADV7401 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |