Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G00GW Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74AUP1G00GW
Description  Low-power 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G00GW Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G00GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AUP1G00_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 June 2006
8 of 16
Philips Semiconductors
74AUP1G00
Low-power 2-input NAND gate
[1]
All typical values are measured at nominal VCC.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
Tamb = 25 °C
CPD
power dissipation capacitance f = 1 MHz; VI = GND to VCC
[2]
VCC = 0.8 V
-
2.6
-
pF
VCC = 1.1 V to 1.3 V
-
2.8
-
pF
VCC = 1.4 V to 1.6 V
-
2.9
-
pF
VCC = 1.65 V to 1.95 V
-
3.1
-
pF
VCC = 2.3 V to 2.7 V
-
3.6
-
pF
VCC = 3.0 V to 3.6 V
-
4.2
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
CL = 5 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A or B to Y
see Figure 7
VCC = 1.1 V to 1.3 V
2.1
12.2
2.1
13.5
ns
VCC = 1.4 V to 1.6 V
1.8
7.8
1.8
8.6
ns
VCC = 1.65 V to 1.95 V
1.4
6.2
1.4
6.9
ns
VCC = 2.3 V to 2.7 V
1.1
4.7
1.1
5.2
ns
VCC = 3.0 V to 3.6 V
1.0
4.2
1.0
4.7
ns
CL = 10 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A or B to Y
see Figure 7
VCC = 1.1 V to 1.3 V
2.2
14.4
2.2
15.9
ns
VCC = 1.4 V to 1.6 V
2.2
9.2
2.2
10.2
ns
VCC = 1.65 V to 1.95 V
1.9
7.3
1.9
8.1
ns
VCC = 2.3 V to 2.7 V
1.3
5.6
1.3
6.2
ns
VCC = 3.0 V to 3.6 V
1.2
4.9
1.2
5.4
ns


Numéro de pièce similaire - 74AUP1G00GW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G00GW NEXPERIA-74AUP1G00GW Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GW-Q100 NEXPERIA-74AUP1G00GW-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
More results

Description similaire - 74AUP1G00GW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP2G00-Q100 NEXPERIA-74AUP2G00-Q100 Datasheet
223Kb / 13P
   Low-power dual 2-input NAND gate
Rev. 2 - 9 June 2022
logo
NXP Semiconductors
74AUP2G00 PHILIPS-74AUP2G00 Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
74AUP2G00 NXP-74AUP2G00 Datasheet
537Kb / 17P
   Low-power dual 2-input NAND gate
Rev. 04-5 June 2008
logo
Nexperia B.V. All right...
74AUP2G00 NEXPERIA-74AUP2G00 Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com