Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC32245AEC Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74LVC32245AEC
Description  32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC32245AEC Fiches technique(HTML) 5 Page - NXP Semiconductors

  74LVC32245AEC Datasheet HTML 1Page - NXP Semiconductors 74LVC32245AEC Datasheet HTML 2Page - NXP Semiconductors 74LVC32245AEC Datasheet HTML 3Page - NXP Semiconductors 74LVC32245AEC Datasheet HTML 4Page - NXP Semiconductors 74LVC32245AEC Datasheet HTML 5Page - NXP Semiconductors 74LVC32245AEC Datasheet HTML 6Page - NXP Semiconductors 74LVC32245AEC Datasheet HTML 7Page - NXP Semiconductors 74LVC32245AEC Datasheet HTML 8Page - NXP Semiconductors 74LVC32245AEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74LVC32245A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 20 August 2007
5 of 12
NXP Semiconductors
74LVC32245A
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
9.
Static characteristics
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
[2]
For I/O ports the parameter IOZ includes the input leakage current.
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
VCC (V)
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
1.2
VCC
--
V
2.7 to 3.6
2.0
-
-
V
VIL
LOW-level input voltage
1.2
-
-
GND
V
2.7 to 3.6
-
-
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.2
VCC
-V
IO = −12 mA
2.7
VCC − 0.5
-
-
V
IO = −18 mA
3.0
VCC − 0.6
-
-
V
IO = −24 mA
3.0
VCC − 0.8
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
-
GND
0.20
V
IO = 12 mA
2.7
-
-
0.40
V
IO = 24 mA
3.0
-
-
0.55
V
II
input leakage current
VI = 5.5 V or GND
3.6
-
±0.1
±5
µA
IOZ
OFF-state output current
VI =VIH or VIL;
VO = 5.5 V or GND
3.6
[2]
-
±0.1
±5
µA
IOFF
power-off leakage current
VI or VO = 5.5 V
0.0
-
±0.1
±10
µA
ICC
supply current
VI =VCC or GND; IO = 0 A
3.6
-
0.1
40
µA
∆ICC
additional supply current
per input pin;
VI =VCC − 0.6 V; IO =0A
2.7 to 3.6
-
5
500
µA
CI
input capacitance
VI = GND to VCC
0 to 3.6
-
5.0
-
pF
CI/O
input/output capacitance
VI = GND to VCC
0 to 3.6
-
10
-
pF


Numéro de pièce similaire - 74LVC32245AEC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC32245AEC PHILIPS-74LVC32245AEC Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
logo
Nexperia B.V. All right...
74LVC32245AEC NEXPERIA-74LVC32245AEC Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results

Description similaire - 74LVC32245AEC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com