Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G384GM Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVC1G384GM
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G384GM Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G384GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G384GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G384GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G384GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G384GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G384GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G384GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G384GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G384GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
74LVC1G384_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 29 August 2007
6 of 22
NXP Semiconductors
74LVC1G384
Bilateral switch
10.1 Test circuits
10.2 ON resistance
VI = VCC or GND and VO = GND or VCC.VI = VCC or GND and VO = open circuit.
Fig 7.
Test circuit for measuring OFF-state leakage
current
Fig 8.
Test circuit for measuring ON-state leakage
current
001aag479
IS
IS
VI
VIH
VO
VCC
GND
Z
Y
E
001aag480
IS
VI
VIL
VO
VCC
GND
Y
Z
E
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Figure 10 to Figure 15.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
RON(peak) ON resistance (peak) VI = GND to VCC; see Figure 9
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
34.0
130
-
195
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
12.0
30
-
45
ISW = 12 mA; VCC = 2.7 V
-
10.4
25
-
38
ISW = 24 mA; VCC = 3 V to 3.6 V
-
7.8
20
-
30
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
6.2
15
-
23
RON(rail)
ON resistance (rail)
VI = GND; see Figure 9
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
8.2
18
-
27
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.1
16
-
24
ISW = 12 mA; VCC = 2.7 V
-
6.9
14
-
21
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.5
12
-
18
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
5.8
10
-
15
VI =VCC; see Figure 9
-
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
10.4
30
-
45
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.6
20
-
30
ISW = 12 mA; VCC = 2.7 V
-
7.0
18
-
27
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.1
15
-
23
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
4.9
10
-
15


Numéro de pièce similaire - 74LVC1G384GM

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC1G384GM NEXPERIA-74LVC1G384GM Datasheet
332Kb / 23P
   Bilateral switch
Rev. 9 - 16 August 2022
More results

Description similaire - 74LVC1G384GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com