Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC240 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HC240
Description  Octal buffer/line driver; 3-state; inverting
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC240 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HC240 Datasheet HTML 6Page - NXP Semiconductors 74HC240 Datasheet HTML 7Page - NXP Semiconductors 74HC240 Datasheet HTML 8Page - NXP Semiconductors 74HC240 Datasheet HTML 9Page - NXP Semiconductors 74HC240 Datasheet HTML 10Page - NXP Semiconductors 74HC240 Datasheet HTML 11Page - NXP Semiconductors 74HC240 Datasheet HTML 12Page - NXP Semiconductors 74HC240 Datasheet HTML 13Page - NXP Semiconductors 74HC240 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74HC_HCT240_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 2 August 2007
10 of 18
NXP Semiconductors
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 8.
Load circuitry for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
PULSE
GENERATOR
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC240
VCC
6 ns
15 pF, 50 pF
1 k
open
GND
VCC
74HCT240
3 V
6 ns
15 pF, 50 pF
1 k
open
GND
VCC


Numéro de pièce similaire - 74HC240

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC240 PHILIPS-74HC240 Datasheet
44Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
logo
Silicon Supplies
74HC240 SS-74HC240 Datasheet
252Kb / 3P
   High Speed CMOS Logic
74HC240 SS-74HC240 Datasheet
393Kb / 6P
   High Speed CMOS Logic
Rev 1.1 30/11/21
logo
Nexperia B.V. All right...
74HC240 NEXPERIA-74HC240 Datasheet
261Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 2 September 2021
logo
NXP Semiconductors
74HC240-Q100 NXP-74HC240-Q100 Datasheet
317Kb / 16P
   Octal buffer/line driver; 3-state; inverting
Rev. 1-30 July 2012
More results

Description similaire - 74HC240

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
   Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com