Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCH1T45GW Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74AVCH1T45GW
Description  Dual supply translating transceiver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH1T45GW Fiches technique(HTML) 2 Page - NXP Semiconductors

  74AVCH1T45GW Datasheet HTML 1Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 2Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 3Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 4Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 5Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 6Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 7Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 8Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
74AVCH1T45_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2007
2 of 22
NXP Semiconductors
74AVCH1T45
Dual supply translating transceiver; 3-state
x 240 Mbit/s (translate to 1.2 V)
s Suspend mode
s Bus hold on data inputs
s Latch-up performance exceeds 100 mA per JESD 78 Class II
s Inputs accept voltages up to 3.6 V
s Low noise overshoot and undershoot < 10 % of VCC
s IOFF circuitry provides partial Power-down mode operation
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AVCH1T45GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AVCH1T45GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
Table 2.
Marking
Type number
Marking code
74AVCH1T45GW
K5
74AVCH1T45GM
K5
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag885
VCC(B)
VCC(A)
5
DIR
3
A
B
4
001aag886
VCC(B)
VCC(A)
DIR
A
B


Numéro de pièce similaire - 74AVCH1T45GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVCH1T45GW NXP-74AVCH1T45GW Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Nexperia B.V. All right...
74AVCH1T45GW NEXPERIA-74AVCH1T45GW Datasheet
315Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 6.1 -1 March 2022
74AVCH1T45GW-Q100 NEXPERIA-74AVCH1T45GW-Q100 Datasheet
786Kb / 21P
   Dual-supply voltage level translator/transceiver 3-state
More results

Description similaire - 74AVCH1T45GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com