Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1214 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce BF1214
Description  Dual N-channel dual gate MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1214 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button BF1214 Datasheet HTML 5Page - NXP Semiconductors BF1214 Datasheet HTML 6Page - NXP Semiconductors BF1214 Datasheet HTML 7Page - NXP Semiconductors BF1214 Datasheet HTML 8Page - NXP Semiconductors BF1214 Datasheet HTML 9Page - NXP Semiconductors BF1214 Datasheet HTML 10Page - NXP Semiconductors BF1214 Datasheet HTML 11Page - NXP Semiconductors BF1214 Datasheet HTML 12Page - NXP Semiconductors BF1214 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
BF1214_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2007
9 of 18
NXP Semiconductors
BF1214
Dual N-channel dual gate MOSFET
8.2 Graphs for amplifier A
VDS(A) =5V; VGG =5V; ID(nom)(A) =18mA;
RG1(A) =68kΩ; fw = 50 MHz; Tamb =25 °C;
see Figure 24.
VDS(A) =5V; VGG =5V; VG2-S(nom) =4V;
RG1(A) =68kΩ; fw = 50 MHz; funw = 60 MHz;
ID(nom)(A) = 18 mA; Tamb =25 °C; see Figure 24.
Fig 10. Amplifier A: typical gain reduction as a function
of the AGC voltage; typical values
Fig 11. Amplifier A: unwanted voltage for 1 %
cross modulation as a function of gain
reduction; typical values
VDS(A) =5V; VGG =5V; VG2-S(nom) =4V; RG1(A) =68kΩ; fw = 50 MHz; ID(nom)(A) = 18 mA; Tamb =25 °C; see Figure 24.
Fig 12. Amplifier A: typical drain current as a function of gain reduction; typical values
001aah001
VAGC (V)
04
3
12
30
20
40
10
0
gain
reduction
(dB)
50
001aah002
gain reduction (dB)
050
40
20
30
10
90
100
110
Vunw
(dB
µV)
80
001aah003
gain reduction (dB)
050
40
20
30
10
10
20
30
ID
(mA)
0


Numéro de pièce similaire - BF1214

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
BF1214_2015 JMNIC-BF1214_2015 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
More results

Description similaire - BF1214

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com