Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVTH16373GR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALVTH16373GR
Description  2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVTH16373GR Fiches technique(HTML) 1 Page - Texas Instruments

  SN74ALVTH16373GR Datasheet HTML 1Page - Texas Instruments SN74ALVTH16373GR Datasheet HTML 2Page - Texas Instruments SN74ALVTH16373GR Datasheet HTML 3Page - Texas Instruments SN74ALVTH16373GR Datasheet HTML 4Page - Texas Instruments SN74ALVTH16373GR Datasheet HTML 5Page - Texas Instruments SN74ALVTH16373GR Datasheet HTML 6Page - Texas Instruments SN74ALVTH16373GR Datasheet HTML 7Page - Texas Instruments SN74ALVTH16373GR Datasheet HTML 8Page - Texas Instruments SN74ALVTH16373GR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54ALVTH16373, SN74ALVTH16373
2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCES067F – JUNE 1996 – REVISED JANUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art Advanced BiCMOS
Technology (ABT)
Widebus
™ Design for
2.5-V and 3.3-V Operation and Low Static
Power Dissipation
D Support Mixed-Mode Signal Operation (5-V
Input and Output Voltages With 2.3-V to
3.6-V VCC)
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
D High Drive (–24/24 mA at 2.5-V and
–32/64 mA at 3.3-V VCC)
D Power Off Disables Outputs, Permitting
Live Insertion
D High-Impedance State During Power Up
and Power Down Prevents Driver Conflict
D Uses Bus Hold on Data Inputs in Place of
External Pullup/Pulldown Resistors to
Prevent the Bus From Floating
D Auto3-State Eliminates Bus Current
Loading When Output Exceeds VCC + 0.5 V
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model; and Exceeds 1000 V
Using Charged-Device Model, Robotic
Method
D Flow-Through Architecture Facilitates
Printed Circuit Board Layout
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D Package Options Include Plastic Shrink
Small-Outline (DL), Thin Shrink
Small-Outline (DGG), Thin Very
Small-Outline (DGV) Packages, and 380-mil
Fine-Pitch Ceramic Flat (WD) Package
description
The ’ALVTH16373 devices are 16-bit transparent D-type latches with 3-state outputs designed for 2.5-V or 3.3-V
VCC operation, but with the capability to provide a TTL interface to a 5-V system environment. These devices
are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working
registers.
These devices can be used as two 8-bit latches or one 16-bit latch. When the latch-enable (LE) input is high,
the Q outputs follow the data (D) inputs. When LE is taken low, the Q outputs are latched at the levels set up
at the D inputs.
Copyright
© 1999, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments Incorporated.
SN54ALVTH16373 . . . WD PACKAGE
SN74ALVTH16373 ... DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q1
1Q2
GND
1Q3
1Q4
VCC
1Q5
1Q6
GND
1Q7
1Q8
2Q1
2Q2
GND
2Q3
2Q4
VCC
2Q5
2Q6
GND
2Q7
2Q8
2OE
1LE
1D1
1D2
GND
1D3
1D4
VCC
1D5
1D6
GND
1D7
1D8
2D1
2D2
GND
2D3
2D4
VCC
2D5
2D6
GND
2D7
2D8
2LE


Numéro de pièce similaire - SN74ALVTH16373GR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVTH16373 TI-SN74ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALVTH16373DGG TI-SN74ALVTH16373DGG Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALVTH16373DGV TI-SN74ALVTH16373DGV Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALVTH16373DL TI-SN74ALVTH16373DL Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVTH16373GR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH32373 TI-SN54ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH32373 TI1-SN54ALVTH32373_14 Datasheet
898Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AVC32373 TI-SN74AVC32373 Datasheet
165Kb / 10P
[Old version datasheet]   1.2-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com