Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TDA8566 Datasheet(Fiches technique) 5 Page - NXP Semiconductors

Numéro de pièce TDA8566
Description  2 ´ 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Télécharger  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8566 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8566 Datenblatt HTML 1Page - NXP Semiconductors TDA8566 Datenblatt HTML 2Page - NXP Semiconductors TDA8566 Datenblatt HTML 3Page - NXP Semiconductors TDA8566 Datenblatt HTML 4Page - NXP Semiconductors TDA8566 Datasheet HTML 5Page - NXP Semiconductors TDA8566 Datenblatt HTML 6Page - NXP Semiconductors TDA8566 Datenblatt HTML 7Page - NXP Semiconductors TDA8566 Datenblatt HTML 8Page - NXP Semiconductors TDA8566 Datenblatt HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TDA8566_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 15 October 2007
5 of 21
NXP Semiconductors
TDA8566
2
× 40 W/2 Ω stereo BTL car radio power amplifier
6.2 Pin description
Table 3.
Pin description TDA8566TH and TDA8566TH1
Symbol
Pin
Description
TDA8566TH
TDA8566TH1
DIAG
1
1
short-circuit and temperature pre-warning
diagnostic output
IN2+
2
2
channel 2 input positive
IN2
3
3
channel 2 input negative
n.c.
4
4
not connected
n.c.
5
5
not connected
n.c.
6
6
not connected
n.c.
7
-
not connected
n.c.
-
8
not connected
n.c.
-
9
not connected
IN1+
8
10
channel 1 input positive
IN1
9
11
channel 1 input negative
SGND
10
12
signal ground
CLIP
11
13
clip detection output
VP1
12
14
supply voltage 1
n.c.
-
15
not connected
OUT1+
13
16
channel 1 output positive
PGND1
14
17
power ground 1
OUT1
15
18
channel 1 output negative
n.c.
-
-
not connected
OUT2+
16
19
channel 2 output positive
PGND2
17
20
power ground 2
OUT2
18
21
channel 2 output negative
n.c.
-
22
not connected
VP2
19
23
supply voltage 2
MODE
20
7
mode select switch input (standby/mute/operating)
HEATTAB
-
24
connect to ground, used for test purposes only
Table 4.
Pin description TDA8566Q
Symbol
Pin
Description
IN1+
1
channel 1 input positive
IN1
2
channel 1 input negative
SGND
3
signal ground
CLIP
4
clip detection output
VP1
5
supply voltage 1
OUT1+
6
channel 1 output positive
PGND1
7
power ground 1
OUT1
8
channel 1 output negative
n.c.
9
not connected


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn