Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5964AL25 Fiches technique(PDF) 6 Page - SyncMOS Technologies,Inc

No de pièce SM5964AL25
Description  8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNCMOS [SyncMOS Technologies,Inc]
Site Internet  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964AL25 Fiches technique(HTML) 6 Page - SyncMOS Technologies,Inc

Back Button SM5964AL25 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 10Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SyncMOS Technologies International, Inc.
SM5964A
8-Bit Micro-controller
With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.3 SM5964A
10/2006
6
SFR Mapping
The special function register of SM5964A fall into the following categories
C51 CORE register: ACC, B, DPL, DPH, PSW, SP
I/O ports: P0,P1, P2, P3, P4, P1CON
Timer/Counter register: T2CON, T2MOD, TCON, TMOD, TH0, TH1, TH2, TL0, TL1, TL2, RCAP2L,
RCAP2H
UART I/O register: SBUF, SCON
TWSI bus register: TWSIS, TWSIA, TWSIC1, TWSIC2, TWSITXD, TWSIRXD
Power and system control register: PCON, SCONF
Interrupt system register: IP, IE, IP1, IE1, IFR
IAP Flash programming register :ISPFAH, ISPFAL, ISPFD, ISPC
PWM output register: PWMC0, PWMC1, PWMD0, PWMD1
Table 1 SFR Map
$F8
$FF
$F0
B
0000 0000
ISPFAH
0000 0000
ISPFAL
0000 0000
ISPFD
0000 0000
ISPC
0000 0000
$F7
$E8
$EF
$E0
ACC
0000 0000
$E7
$D8
P4
xxxx 1111
$DF
$D0
PSW
0000 0000
PWMC0
0000 0000
PWMC1
0000 0000
$D7
$C8
T2CON
0000 0000
T2MOD
xxxx xx00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
$CF
$C0
TWSIS
0000 0000
TWSIA
1010 0000
TWSIC1
0000 0001
TWSIC2
0000 0000
TWSITXD
1111 1111
TWSIRXD
0000 0000
$C7
$B8
IP
0000 0000
IP1
0000 0000
SCONF
0000 0000
$BF
$B0
P3
1111 1111
PWMD0
0000 0000
PWMD1
0000 0000
$B7
$A8
IE
0000 0000
IE1
0000 0000
IFR
0000 0000
$AF
$A0
P2
1111 1111
$A7
$98
SCON
0000 0000
SBUF
xxxx xxxx
P1CON
0000 0000
$9F
$90
P1
1111 1111
$97
$88
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
$8F
$80
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
RCON
0000 0000
PCON
0000 0000
$87


Numéro de pièce similaire - SM5964AL25

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
539Kb / 28P
   8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964B SYNCMOS-SM5964B Datasheet
797Kb / 53P
   Main Flash ROM 64KB
More results

Description similaire - SM5964AL25

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com