Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF3321 Fiches technique(PDF) 6 Page - LOGIC Devices Incorporated

No de pièce LF3321
Description  Horizontal Digital Image Filter Improved Performance
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LODEV [LOGIC Devices Incorporated]
Site Internet  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3321 Fiches technique(HTML) 6 Page - LOGIC Devices Incorporated

Back Button LF3321 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DEVICES INCORPORATED
LF3321
Horizontal Digital Image Filter
Improved Performance
LOGIC Devices Incorporated
6
Feb 5, 2003 LDS.3321-A
Video Imaging Products
When data reversal is enabled, the circuitry uses a pair of LIFOs to reverse the order of the data sent
to the reverse data path. TXFRA and TXFRB control the LIFOs in Filters A and B respectively. When
TXFRA/TXFRB goes LOW, the LIFO sending data to the reverse data path becomes the LIFO receiving
data from the forward data path, and the LIFO receiving data from the forward data path becomes the LIFO
sending data to the reverse data path.
The device must see a HIGH to LOW transition of TXFRA/TXFR B in order to switch LIFOs. If decimating by
N, TXFRA/TXFRB should go LOW once every N clock cycles. When data reversal is disabled, the circuitry
functions like an I/D Register. When feeding interleaved data through the filter, data reversal should be
disabled. Bit 6 of Configuration Register 1 and Configuration Register 3 enables or disables data reversal
for Filters A and B respectively.
Functional Description
Data Reversal
Continued
Figure 7 .Filter A and Filter B Round/Limit/Select Circuitry
32
32
4
RSLA3-0
32
32
4
RSLB3-0
RND
LIMIT
32
16
RND
LIMIT
32
16
16
16
FILTER B RSL
FILTER A RSL
DATA IN
32
DATA IN
32
DATA OUT
DATA OUT
5
5
SELECT
SELECT


Numéro de pièce similaire - LF3321

FabricantNo de pièceFiches techniqueDescription
logo
LOGIC Devices Incorpora...
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
LF3320QC12 LODEV-LF3320QC12 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
LF3320QC15 LODEV-LF3320QC15 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
More results

Description similaire - LF3321

FabricantNo de pièceFiches techniqueDescription
logo
LOGIC Devices Incorpora...
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
logo
Bel Fuse Inc.
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 32P
   Full digital controls for improved performance
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
Silicon Laboratories
TS6001 SILABS-TS6001 Datasheet
1Mb / 13P
   Improved Electrical Performance
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
Ultralife Corporation.
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
   Improved low temperature performance
Rev -
logo
Vincotech
10-FZ122PA075SC01-P998F18 VINCOTECH-10-FZ122PA075SC01-P998F18 Datasheet
2Mb / 15P
   AlN substrate for improved performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com