Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS28226DR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS28226DR
Description  High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS28226DR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS28226DR Datasheet HTML 7Page - Texas Instruments TPS28226DR Datasheet HTML 8Page - Texas Instruments TPS28226DR Datasheet HTML 9Page - Texas Instruments TPS28226DR Datasheet HTML 10Page - Texas Instruments TPS28226DR Datasheet HTML 11Page - Texas Instruments TPS28226DR Datasheet HTML 12Page - Texas Instruments TPS28226DR Datasheet HTML 13Page - Texas Instruments TPS28226DR Datasheet HTML 14Page - Texas Instruments TPS28226DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−40
125
300
340
380
420
460
500
25
320
360
400
440
480
TJ − Temperature − °C
2.00
3.50
4.50
6.00
2.50
3.00
4.00
5.00
5.50
−40
125
TJ − Temperature − C
25
6.50
8.00
7.00
7.50
TPS28226 Falling
TPS28226 Rising
0.0
−40
125
25
2.0
3.0
5.0
0.5
1.0
2.5
2.5
4.5
1.5
4.0
Falling
Rising
TJ − Temperature − °C
−40
125
25
0.00
0.75
1.25
2.00
0.25
0.50
1.00
1.50
1.75
Falling
Rising
TJ − Temperature − °C
TPS28226
SLUS791 – OCTOBER 2007
BIAS SUPPLY CURRENT
vs
UNDER VOLTAGE LOCKOUT THRESHOLD
TEMPERATURE
vs
(VEN/PG = Low, PWM Input Floating, VDD = 7.2V)
TEMPERATURE
Figure 1.
Figure 2.
ENABLE/POWER GOOD THRESHOLD
PWM 3-STATE THRESHOLDS, (5-V Input Pulses)
vs
vs
TEMPERATURE (VDD = 7.2 V)
TEMPERATURE, (VDD = 7.2 V)
Figure 3.
Figure 4.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS28226


Numéro de pièce similaire - TPS28226DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS28226DR TI1-TPS28226DR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI1-TPS28226DRBR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI1-TPS28226DRBT Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Description similaire - TPS28226DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com