Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1530AT Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TEA1530AT
Description  GreenChip?줚I SMPS control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1530AT Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TEA1530AT Datasheet HTML 5Page - NXP Semiconductors TEA1530AT Datasheet HTML 6Page - NXP Semiconductors TEA1530AT Datasheet HTML 7Page - NXP Semiconductors TEA1530AT Datasheet HTML 8Page - NXP Semiconductors TEA1530AT Datasheet HTML 9Page - NXP Semiconductors TEA1530AT Datasheet HTML 10Page - NXP Semiconductors TEA1530AT Datasheet HTML 11Page - NXP Semiconductors TEA1530AT Datasheet HTML 12Page - NXP Semiconductors TEA1530AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Objective data sheet
Rev. 01 — 18 May 2005
9 of 22
Philips Semiconductors
TEA1530AT
GreenChip
™II SMPS control IC
7.14 Driver
The driver circuit to the gate of the power MOSFET has a current sourcing capability of
typically 150 mA and a current sink capability of typically 500 mA at VCC of 9.5 V. At
VCC = 15 V, the current sourcing capability is typically 250 mA and the current sink
capability typically 0.7 A. This permits fast turn-on and turn-off of the power MOSFET for
efficient operation.
A low driver source current has been chosen to limit the
∆V/∆t at switch-on. This reduces
Electro Magnetic Interference (EMI) and also limits the current spikes across Rsense.
8.
Limiting values
Fig 7.
Soft start-up
Css
Rss
SENSE
Rsense
Iss
Vocp
start-up
mgu237
6
0.5 V
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured
with respect to ground (pin 2); positive currents flow into the chip; pin VCC may not be current driven.
The voltage ratings are valid provided other ratings are not violated; current ratings are valid
provided the maximum power rating is not violated.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
−0.4
+20
V
VPROTECT
voltage on pin PROTECT
continuous
−0.4
+5
V
VCTRL
voltage on pin CTRL
−0.4
+5
V
VSENSE
voltage on pin SENSE
current limited
−0.4
-
V
VDRAIN
voltage on pin DRAIN
−0.4
+650
V
Currents
ICTRL
current on pin CTRL
d < 10 %
-
50
mA
ISENSE
current on pin SENSE
−1
+10
mA
IDRIVER
current on pin DRIVER
d < 10 %
−0.8
+2
A
IDRAIN
current on pin DRAIN
-
5
mA
General
Ptot
total power dissipation
Tamb <70 °C
SO8 package
-
0.5
W


Numéro de pièce similaire - TEA1530AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1530AT NXP-TEA1530AT Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
More results

Description similaire - TEA1530AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com