Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1530AT Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TEA1530AT
Description  GreenChip?줚I SMPS control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1530AT Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TEA1530AT Datasheet HTML 2Page - NXP Semiconductors TEA1530AT Datasheet HTML 3Page - NXP Semiconductors TEA1530AT Datasheet HTML 4Page - NXP Semiconductors TEA1530AT Datasheet HTML 5Page - NXP Semiconductors TEA1530AT Datasheet HTML 6Page - NXP Semiconductors TEA1530AT Datasheet HTML 7Page - NXP Semiconductors TEA1530AT Datasheet HTML 8Page - NXP Semiconductors TEA1530AT Datasheet HTML 9Page - NXP Semiconductors TEA1530AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Objective data sheet
Rev. 01 — 18 May 2005
6 of 22
Philips Semiconductors
TEA1530AT
GreenChip
™II SMPS control IC
7.5 Cycle skipping
At very low power levels, a cycle skipping mode activates. An internal control voltage
(Vsense(max)) lower than 25 mV will inhibit switch-on of the external power MOSFET until
this voltage increases to a higher value; see Figure 5.
7.6 Continuous Conduction Mode (CCM)
The IC operates in the so-called Fixed Frequency Continuous Conduction Mode (FF
CCM). Pin DRAIN should be connected to the rectified Vi voltage; see Figure 8.
7.7 OverCurrent Protection (OCP)
The primary peak-current in the transformer is measured accurately cycle-by-cycle using
the external sense resistor Rsense. The OCP circuit limits the voltage on pin “Sense” to an
internal level equal to 1.5V - Vctrl (also see section 7.3). The OCP detection is
suppressed during the leading edge blanking period tleb , to prevent false triggering
caused by the switch-on spikes.
7.8 Control pin protection
If pin CTRL becomes open-circuit or is disconnected, a fault condition is assumed and the
converter will stop switching immediately. Operation recommences when the fault
condition is removed.
7.9 Adjustable slope compensation
A slope compensation function has been added at pin CTRL; see Figure 6. The slope
compensation function prevents sub-harmonic oscillation in CCM at duty cycles over
50 %. The CTRL voltage is modulated by sourcing a (non-constant) current out of
pin CTRL and by adding externally a series resistor Rslopecomp. This increases the CTRL
voltage proportionally with the on-time, which therefore limits the OCP level. A longer
on-time results in a higher CTRL voltage, this increase in CTRL voltage will decrease the
on-time. Slope compensation can be adjusted by changing the value of Rslopecomp. Slope
compensation prevents modulation of the on-time (duty cycle) while operating in FF CCM.
A possible drawback of sub-harmonic oscillation can be output voltage ripple.


Numéro de pièce similaire - TEA1530AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1530AT NXP-TEA1530AT Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
More results

Description similaire - TEA1530AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com