Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBTLV3383PWR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74CBTLV3383PWR
Description  LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3383PWR Fiches technique(HTML) 4 Page - Texas Instruments

  SN74CBTLV3383PWR Datasheet HTML 1Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 2Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 3Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 4Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 5Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 6Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 7Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 8Page - Texas Instruments SN74CBTLV3383PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74CBTLV3383
LOW VOLTAGE 10BIT FET BUSEXCHANGE SWITCH
SCDS047G − MARCH 1998 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd†
A or B
B or A
0.15
0.25
ns
tpd
BX
A or B
1.5
5.8
1.5
4.7
ns
ten
BE
A or B
1.5
5.3
1.5
4.7
ns
tdis
BE
A or B
1
6
1
6
ns
† The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Numéro de pièce similaire - SN74CBTLV3383PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTLV3383PWR TI1-SN74CBTLV3383PWR Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results

Description similaire - SN74CBTLV3383PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
   LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Texas Instruments
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
   10-Bit Low Power Bus-Exchange Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com