Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3511BS Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce KA3511BS
Description  Intelligent Voltage Mode PWM IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3511BS Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  KA3511BS Datasheet HTML 1Page - Fairchild Semiconductor KA3511BS Datasheet HTML 2Page - Fairchild Semiconductor KA3511BS Datasheet HTML 3Page - Fairchild Semiconductor KA3511BS Datasheet HTML 4Page - Fairchild Semiconductor KA3511BS Datasheet HTML 5Page - Fairchild Semiconductor KA3511BS Datasheet HTML 6Page - Fairchild Semiconductor KA3511BS Datasheet HTML 7Page - Fairchild Semiconductor KA3511BS Datasheet HTML 8Page - Fairchild Semiconductor KA3511BS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
KA3511BS
4
Pin Number
Pin Name
Pin Function Descrition
1VCC
Supply voltage. Operating range is 14V~30V. VCC=20V, Ta=25
°C at test.
2COMP
Error amplifier output. It is connect to non-inverting input of pulse width modulator
comparator.
3
E/A(-)
Error amplifier inverting input. Its reference voltage is always 1.25V.
4E/A(+)
Error amplifier non-inverting input feedback voltage.This pin may be used to sense
power supply output voltage.
5TREM
Remote on/off delay. Ton/Toff=8ms/24ms (Typ.) with C=0.1uF. Its high/low threshold
voltage is 1.8V/0.6V.
6REM
Remote on/off input. It is TTL operation and its threshold voltage is 1.4V. Voltage at
this pin can reach normal 4.6V, with absolutely maximum voltage, 5.25V. If REM =
“Low”,
PWM = “Low”. That means the main SMPS is operational. When REM = “High”, then
PWM = “High” and the main SMPS is turned-off.
7
RT
Oscillation frequency setting R. (Test Condition RT=10k
Ω)
8
CT
Oscillation frequency setting C. (Test Condition CT=0.01uF)
9
DET
Under-voltage detect pin. Its threshold voltage is 1.25V Typ.
10
TPG
PG delay. Td=250ms (Typ) with CPG=2.2uF. The high/low threshold voltage are 1.8V/
0.6V and the voltage of Pin10 is clamped at 2.9V for noise margin.
11
PG
Power good output signal. PG = “High” means that the power is “Good” for operation
and PG = “Low” means “Power fail”.
14
Vref
Precision voltage reference trimmed to 2%. (Typical Value = 5.03V)
15
V3.3
Over voltage protection for output 3.3V. (Typical Value = 4.1V)
16
V5
Over voltage protection for output 5V. (Typical Value = 6.2V)
17
V12
Over voltage protection for output 12V. (Typical Value = 14.2V)
18
PT
This is prepared for an extra OVP input or another protection signal.
(Typical Value = 1.25V)
19
TUVP
Timing pin for under voltage protection blank-out time. Its threshold voltage is 1.8V
and clamped at 2.9V after full charging. Target of delay time is 250ms and it is
realized through external (C=2.2uF).
20
GND
Signal ground.
21
DTC
Deadtime control input. The dead-time control comparator has an effective 120mV
input offset which limits the minimum output dead time. Dead time may be imposed
on the output by setting the dead time control input to a fixed voltage, ranging
between 0V to 3.3V.
22
C2
Output drive pin for push-pull operation.
23
E
Power ground.
24
C1
Output drive pin for push-pull operation.


Numéro de pièce similaire - KA3511BS

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3511 FAIRCHILD-KA3511 Datasheet
233Kb / 28P
   PC POWER SUPPLY DESIGN WITH KA3511
KA3511DS FAIRCHILD-KA3511DS Datasheet
170Kb / 18P
   Intelligent Voltage Mode PWM IC
More results

Description similaire - KA3511BS

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN7585 FAIRCHILD-FAN7585 Datasheet
437Kb / 16P
   Intelligent Voltage Mode PWM IC
KA3511DS FAIRCHILD-KA3511DS Datasheet
170Kb / 18P
   Intelligent Voltage Mode PWM IC
logo
First Silicon Co., Ltd
FA494AP FS-FA494AP Datasheet
154Kb / 6P
   Voltage-Mode PWM Controller IC
logo
KEC(Korea Electronics)
KIA494AP KEC-KIA494AP Datasheet
159Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE-MODE PWM CONTROLLER IC)
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
logo
Texas Instruments
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com