Moteur de recherche de fiches techniques de composants électroniques |
|
DL-5545-C310-T Fiches technique(PDF) 2 Page - Optoway Technology Inc |
|
DL-5545-C310-T Fiches technique(HTML) 2 Page - Optoway Technology Inc |
2 / 2 page Optoway DL-5540S-CXX0 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2003 V1.1 MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT ORDER INFORMATION Part No.: D L − 5 5 4 □ □ − C □ □ 0 − □ □ □ Code PIN Assignment Code Wavelength Code Isolator 0 Type A 27 1270 nm Blank No 5 Type B 29 1290 nm S Single-Stage 8 Type C 31 1310 nm 33 1330 nm Code Connector Type Code Speed 35 1350 nm F FC/PC Blank 1.25 Gbps 37 1370 nm FB FC/PC (Board Mount) S 2.5 Gbps 39 1390 nm T ST/PC 41 1410 nm S SC/PC 43 1430 nm SB SC/PC (Board Mount) 45 1450 nm 47 1470 nm 49 1490 nm 51 1510 nm 53 1530 nm 55 1550 nm 57 1570 nm 59 1590 nm 61 1610 nm |
Numéro de pièce similaire - DL-5545-C310-T |
|
Description similaire - DL-5545-C310-T |