Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD-3105 Fiches technique(PDF) 2 Page - Optoway Technology Inc

No de pièce PD-3105
Description  1.55 關m WDM PIN PHOTODIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTOWAY [Optoway Technology Inc]
Site Internet  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-3105 Fiches technique(HTML) 2 Page - Optoway Technology Inc

  PD-3105 Datasheet HTML 1Page - Optoway Technology Inc PD-3105 Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optoway
PD-5100
****************************************************************************************************************************************************************
************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2002 V1.0
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
C ASE
P D( -)
PD( +)
PD( -)
C ASE
P D( +)
Note: 1. Specifications subject to change without notice.
2. Other PIN assignment is available upon request.
ORDER INFORMATION
Part No.: P
D
− 5
1
Code
Wavlength
Code
Diameter
Code
Package
1
1310 / 1550 nm
0
75
µm
0
Ball Lens Cap
3
1310 nm
5
Flat Window Cap
5
1550 nm


Numéro de pièce similaire - PD-3105

FabricantNo de pièceFiches techniqueDescription
logo
Optoway Technology Inc
PD-3105 OPTOWAY-PD-3105 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-3105 OPTOWAY-PD-3105 Datasheet
85Kb / 2P
   1.3 關m WDM PIN PHOTODIODES
PD-3105 OPTOWAY-PD-3105 Datasheet
126Kb / 3P
   InGaAs PIN PHOTODIODES
PD-3105-100 OPTOWAY-PD-3105-100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-3105-100 OPTOWAY-PD-3105-100 Datasheet
126Kb / 3P
   InGaAs PIN PHOTODIODES
More results

Description similaire - PD-3105

FabricantNo de pièceFiches techniqueDescription
logo
Optoway Technology Inc
PD-5100 OPTOWAY-PD-5100_09 Datasheet
128Kb / 3P
   1.55 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
   1.3 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100_09 Datasheet
129Kb / 3P
   1.3 關m WDM PIN PHOTODIODES
PT-53100 OPTOWAY-PT-53100 Datasheet
92Kb / 2P
   5V / 1.55 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-53130 OPTOWAY-PT-53130 Datasheet
95Kb / 2P
   3.3V / 1.55 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-57130 OPTOWAY-PT-57130 Datasheet
92Kb / 2P
   3.3V / 1.55 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
PT-55130 OPTOWAY-PT-55130 Datasheet
95Kb / 2P
   3.3V / 1.55 關m / 622 Mbps InGaAs PIN-TIA Receiver
logo
OKI electronic componet...
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
   1.55 關m Laser-Diode DIP Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
   1.55 關m Laser-Diode Coaxial Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
   1.55 關m Laser Diode DIP Module
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com