Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM374S403CT Fiches technique(PDF) 8 Page - Samsung semiconductor

No de pièce KMM374S403CT
Description  PC100 SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM374S403CT Fiches technique(HTML) 8 Page - Samsung semiconductor

Back Button KMM374S403CT Datasheet HTML 3Page - Samsung semiconductor KMM374S403CT Datasheet HTML 4Page - Samsung semiconductor KMM374S403CT Datasheet HTML 5Page - Samsung semiconductor KMM374S403CT Datasheet HTML 6Page - Samsung semiconductor KMM374S403CT Datasheet HTML 7Page - Samsung semiconductor KMM374S403CT Datasheet HTML 8Page - Samsung semiconductor KMM374S403CT Datasheet HTML 9Page - Samsung semiconductor KMM374S403CT Datasheet HTML 10Page - Samsung semiconductor KMM374S403CT Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PC100 SDRAM MODULE
KMM374S403CT
REV. 1 Mar. '98
Refer to the individual componenet, not the whole module.
Parameter
Symbol
-8
-H
-L
Unit
Note
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS Latency=3
tCC
8
1000
10
1000
10
1000
ns
1
CAS Latency=2
12
10
12
CLK to valid
output delay
CAS Latency=3
tSAC
6
6
6
ns
1, 2
CAS Latency=2
6
6
7
Output data
hold time
CAS Latency=3
tOH
3
3
3
ns
2
CAS Latency=2
3
3
3
CLK high pulse width
tCH
3
3
3
ns
3
CLK low pulse width
tCL
3
3
3
ns
3
Input setup time
tSS
2
2
2
ns
3
Input hold time
tSH
1
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
ns
2
CLK to output
in Hi-Z
CAS Latency=3
tSHZ
6
6
6
ns
CAS Latency=2
6
6
7
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf)=1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Note :
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)


Numéro de pièce similaire - KMM374S403CT

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM372C1600BK SAMSUNG-KMM372C1600BK Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C1600BS SAMSUNG-KMM372C1600BS Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C1680BK SAMSUNG-KMM372C1680BK Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C1680BS SAMSUNG-KMM372C1680BS Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
More results

Description similaire - KMM374S403CT

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
KMM366S1623CTY SAMSUNG-KMM366S1623CTY Datasheet
565Kb / 11P
   PC100 SDRAM MODULE
PC100 SAMSUNG-PC100 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
logo
List of Unclassifed Man...
KVR100X64C3256 ETC1-KVR100X64C3256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C2256 ETC1-KVR100X64C2256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C3128 ETC1-KVR100X64C3128 Datasheet
32Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
logo
Samsung semiconductor
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
logo
Mosel Vitelic, Corp
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com