Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM374S403CT Fiches technique(PDF) 4 Page - Samsung semiconductor

No de pièce KMM374S403CT
Description  PC100 SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM374S403CT Fiches technique(HTML) 4 Page - Samsung semiconductor

  KMM374S403CT Datasheet HTML 1Page - Samsung semiconductor KMM374S403CT Datasheet HTML 2Page - Samsung semiconductor KMM374S403CT Datasheet HTML 3Page - Samsung semiconductor KMM374S403CT Datasheet HTML 4Page - Samsung semiconductor KMM374S403CT Datasheet HTML 5Page - Samsung semiconductor KMM374S403CT Datasheet HTML 6Page - Samsung semiconductor KMM374S403CT Datasheet HTML 7Page - Samsung semiconductor KMM374S403CT Datasheet HTML 8Page - Samsung semiconductor KMM374S403CT Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PC100 SDRAM MODULE
KMM374S403CT
REV. 1 Mar. '98
FUNCTIONAL BLOCK DIAGRAM
VDD
Vss
Two 0.1uF
per each SDRAM
To all SDRAMs
A0 ~ An, BA0
CKE0
RAS
CAS
WE
SDRAM U0 ~ U17
SDRAM U0 ~ U17
SDRAM U0 ~ U17
SDRAM U0 ~ U17
SDRAM U0 ~ U8
10
DQn
Every DQpin of SDRAM
CKE1
SDRAM U9 ~ U17
10K
VDD
DQM1
DQM5
DQM3
DQM2
CS2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U5
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U1
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U6
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U2
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U3
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U8
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U4
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQM
CS
DQM0
CS0
DQM4
DQM6
DQM7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U9
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U10
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U11
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U14
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U15
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U16
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U17
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U12
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U13
DQM
CS
CS1
CS3
Capacitors
Serial PD
SDA
SCL
A1
A2
A0
SA1 SA2
SA0
WP
47
U1/U3/U0/U4
U6/U7/U5/U8
10
CLK0/1/2/3
U10/U12/U9/U13
U15/U16/U14/U17
3.3pF*1
U2/U11
*1 : For 4 loads, CLK2 & CLK3 only.


Numéro de pièce similaire - KMM374S403CT

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM372C1600BK SAMSUNG-KMM372C1600BK Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C1600BS SAMSUNG-KMM372C1600BS Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C1680BK SAMSUNG-KMM372C1680BK Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C1680BS SAMSUNG-KMM372C1680BS Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
More results

Description similaire - KMM374S403CT

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
KMM366S1623CTY SAMSUNG-KMM366S1623CTY Datasheet
565Kb / 11P
   PC100 SDRAM MODULE
PC100 SAMSUNG-PC100 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
logo
List of Unclassifed Man...
KVR100X64C3256 ETC1-KVR100X64C3256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C2256 ETC1-KVR100X64C2256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C3128 ETC1-KVR100X64C3128 Datasheet
32Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
logo
Samsung semiconductor
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
logo
Mosel Vitelic, Corp
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com