Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DL-3100 Datasheet(Fiches technique) 1 Page - Optoway Technology Inc

Numéro de pièce DL-3100
Description  1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OPTOWAY [Optoway Technology Inc]
Site Internet  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3100 Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-3100 Datasheet HTML 1Page - Optoway Technology Inc DL-3100 Datenblatt HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
DL-3100
**************************************************************************************************************************************************************
**************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2003 V2.0
1310 nm DFB LASER DIODES
DL-3100 SERIES
MQW-DFB LASER DIODES
**************************************************************************************************************************************************************
FEATURES
² Uncooled Laser Diode with MQW Structure
² High Reliability, Long Operation Life
² 5 mW CW Operation at 0 ºC ~ +70 ºC
² Single Frequency Operation with High SMSR
² Build-in InGaAs Monitor
² Flat Window Cap Package (DL-310X)
² Aspherical Lens Cap Package (DL-312X)
² 2 mm Ball Lens Cap Package (DL-314X)
APPLICATION
OC-3, OC-12 and Gigabit Ethernet Optical communication system
DESCRIPTION
DL-3100 series are MQW-DFB laser diodes that provide a durable, single frequency oscillation with
emission wavelength of 1310 nm. DL-3100 series are hermetically sealed devices with the build-in
photodiode for output monitoring.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
10
15
mA
VOP
Operating Voltage
CW, Ith+20mA
1.2
1.5
V
η
Slope Efficiency
Part No:DL-310X
DL-312X
DL-314X
CW, Ith+20mA
0.25
0.20
0.20
0.36
0.32
0.25
mW/mA
λc
Center Wavelength
CW, Ith+20mA
1290
1310
1330
nm
SMSR
Side Mode Suppression Ratio
CW, Ith+20mA
30
35
dB
θ
Beam Divergence
(Parallel)
CW, Ith+20mA
25
deg.
θ⊥
Beam Divergence
(Perpendicular) CW, Ith+20mA
35
deg.
t r, t f
Rise And Fall Times
IF=Ith, Ith+20mA,20~ 80%
0.226
ns
Im
PD Monitor Current
CW, Ith+20mA,VRD=1V
100
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
V
RD=5V, f=1MHz
10
15
pF
Pf
Fiber Coupled Power
Part No:DL-312X
DL-314X
CW, Ith+20mA , SM fiber
1.5
0.8
mW


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn