Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF421 Fiches technique(PDF) 3 Page - TRANSYS Electronics Limited

No de pièce BF421
Description  PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEL [TRANSYS Electronics Limited]
Site Internet  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BF421 Fiches technique(HTML) 3 Page - TRANSYS Electronics Limited

  BF421 Datasheet HTML 1Page - TRANSYS Electronics Limited BF421 Datasheet HTML 2Page - TRANSYS Electronics Limited BF421 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BF421
BF423
TO-92
Plastic Package
TO-92 Transistors on Tape and Ammo Pack
TO-92 Plastic Package
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
B
D
AA
SEC AA
G
D
3
2 1
1
2
3
F
F
3 2 1
All diminsions in mm.
DIM
MIN.
MAX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F5 DEG
G
1.14
1.40
H
1.14
1.53
2.082
K
L
12.70
1.982
CUMULATIVE PITCH
ERROR 1.0 mm/20
PITCH
TO BE MEASURED AT
BOTTOM OF CLINCH
AT TOP OF BODY
t1 0.3 - 0.6
BODY WIDTH
BODY HEIGHT
BODY THICKNESS
PITCH OF COMPONENT
FEED HOLE PITCH
FEED HOLE CENTRE TO
COMPONENT CENTRE
DISTANCE BETWEEN OUTER
LEADS
COMPONENT ALIGNMENT
TAPE WIDTH
HOLD-DOWN TAPE WIDTH
HOLE POSITION
HOLD-DOWN TAPE POSITION
LEAD WIRE CLINCH HEIGHT
COMPONENT HEIGHT
LENGTH OF SNIPPED LEADS
FEED HOLE DIAMETER
TOTAL TAPE THICKNESS
LEAD - TO - LEAD DISTANCEF1,
CLINCH HEIGHT
PULL - OUT FORCE
ITEM
A1
A
T
P
Po
P2
F
h
W
Wo
W1
W2
Ho
H1
L
Do
t
F2
H2
(P)
SYMBOL
SPECIFICATION
4.0
4.8
3.9
6N
MIN.
12.7
12.7
6.35
5.08
0
18
6
9
0.5
16
4
2.54
NOM.
4.8
5.2
4.2
1
23.25
11.0
1.2
3
MAX.
±1
±0.3
±0.4
+0.6
-0.2
±0.5
±0.2
+0.7
-0.5
±0.2
±0.5
±0.2
+0.4
-0.1
TOL .
REMARKS
NOTES
1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm.
2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20
PITCHES.
3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO
EXPOSURE OF ADHESIVE.
4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS ARE PERMITTED.
5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES ARE REQUIRED AFTER THE LAST COMPONENT.
6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
All dimensions in mm unless specified otherwise
Ammo Pack Style
Adhesive Tape on Top Side
FLAT SIDE
MECHANICAL DATA
T
t1
t
F1
F2
F
P2
Po
Do
(p)
W2
Wo
W1
W
H1
A
A1
P
H0
L
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
LABEL
Carrier
Strip
183
mm
331
mm
FEE
D
42
mm
h
h
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail


Numéro de pièce similaire - BF421

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BF421 MOTOROLA-BF421 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
Micro Commercial Compon...
BF421 MCC-BF421 Datasheet
224Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
SHENZHEN YONGERJIA INDU...
BF421 WINNERJOIN-BF421 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
BF421 PHILIPS-BF421 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
More results

Description similaire - BF421

FabricantNo de pièceFiches techniqueDescription
logo
Continental Device Indi...
BF421 CDIL-BF421 Datasheet
149Kb / 4P
   PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
Rectron Semiconductor
BF491 RECTRON-BF491 Datasheet
617Kb / 4P
   PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS High Voltage Video Amplifier
logo
Continental Device Indi...
BF420 CDIL-BF420 Datasheet
151Kb / 4P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
TRANSYS Electronics Lim...
BF420 TEL-BF420 Datasheet
86Kb / 3P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com