Moteur de recherche de fiches techniques de composants électroniques |
|
BTR-3740G Fiches technique(PDF) 4 Page - Optoway Technology Inc |
|
BTR-3740G Fiches technique(HTML) 4 Page - Optoway Technology Inc |
4 / 4 page Optoway BTR-3740G ************************************************************************************************************************************************************************ *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 V3.0 4 PACKAGE DIAGRAM Units in mm 1) Receptacle Type BTR-3740G / BTR-3740AG 2) Pigtail Type BTR-3740-SP50G / BTR-3740A-SP50G Note: Length L is 50 ± 3 cm. Other pigtail’s length is available upon request. Note: Specifications subject to change without notice. |
Numéro de pièce similaire - BTR-3740G |
|
Description similaire - BTR-3740G |