Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4151 Fiches technique(PDF) 1 Page - TRANSYS Electronics Limited

No de pièce 1N4151
Description  SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEL [TRANSYS Electronics Limited]
Site Internet  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

1N4151 Fiches technique(HTML) 1 Page - TRANSYS Electronics Limited

  1N4151 Datasheet HTML 1Page - TRANSYS Electronics Limited 1N4151 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
1N4151
500mW
DO- 35
Glass Axial Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Reverses Voltage ( Continuous)
VR
50
V
Repetitive Peak Reversse Voltage
VRRM
75
V
Total Power Dissipation @ TA=25ºC
Ptot
500
mW
Linear Derating Factor
2.85
mW/ºC
Storage Temperature
Tstg
-65 to +200
ºC
Junction Temperature
Tj
200
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Forward Voltage
VF
IF=50mA,
1.0
V
Reverse Current
IR
VR= 50V
0.05
µΑ
VR =50V, Tj=150ºC
50
µΑ
Breakdown Voltage
BV
IR=5.0µA
75
V
Reverse Recovery Time
trr
IF=10mA to IR=10mA
4ns
Recovery to 1.0mA
IF=10mA, VR=-6.0V
2ns
RL=100 Ω
Capacitance
C
VR=0, f=1.0MHz
4pF
Transys
Electronics
LI M ITE D


Numéro de pièce similaire - 1N4151

FabricantNo de pièceFiches techniqueDescription
logo
Diode Semiconductor Kor...
1N4151 DSK-1N4151 Datasheet
309Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
National Semiconductor ...
1N4151 NSC-1N4151 Datasheet
138Kb / 1P
   Diode Data
logo
Micro Commercial Compon...
1N4151 MCC-1N4151 Datasheet
391Kb / 4P
   500mW Silicon Switching Diode
logo
Jinan Jing Heng Electro...
1N4151 JINGHENG-1N4151 Datasheet
65Kb / 3P
   Small Signal Switching Diodes
More results

Description similaire - 1N4151

FabricantNo de pièceFiches techniqueDescription
logo
Continental Device Indi...
1N4151 CDIL-1N4151 Datasheet
227Kb / 3P
   SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
CMBD4150 CDIL-CMBD4150 Datasheet
160Kb / 3P
   SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
logo
TRANSYS Electronics Lim...
BAS29 TEL-BAS29 Datasheet
53Kb / 2P
   SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
logo
Continental Device Indi...
BAV23S CDIL-BAV23S Datasheet
140Kb / 4P
   SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
KEC(Korea Electronics)
KDS200 KEC-KDS200 Datasheet
105Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE (ULTRA HIGH SPEED SWITCHING)
KDS142E KEC-KDS142E Datasheet
384Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE (ULTRA HIGH SPEED SWITCHING)
logo
Hitachi Semiconductor
HSM2838C HITACHI-HSM2838C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S HITACHI-HSB124S Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com