Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF1001 Datasheet(Fiches technique) 2 Page - Pan Jit International Inc.

Numéro de pièce UF1001
Description  ULTRAFAST RECOVERY RECTIFIERS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF1001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  UF1001 Datenblatt HTML 1Page - Pan Jit International Inc. UF1001 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-FEB.19.2004
Fig.3 FORWARD CHARACTERISTICS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2 TYPICAL JUNCTION CAPACITANCES
Fig.5 PEAK FORWARD SURGE CURRENT
Fig.4 TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE, volts
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
CASE TEMPERATURE, C
O
RATING AND CHARACTERISTIC CURVES
0
50
100
150
12.5
10.0
7.5
5.0
2.5
0
1
2
5 10 20
50 100
200
160
120
80
240
40
0
200 500
T =25 C
J
O
10
1
0.1
0.01
.4
.6
.8
1.0
1.2
1.6
1.8
T=25 C
J
O
1.4
100
2.0
600-800V
300-400V
50-200V
1000
100
1.0
20
40
60
80
100
120
T= 25 C
J
O
T= 125 C
J
O
140
0.1
10
1
10
100
25
50
75
100
125
150
175


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UF150_04ULTRAFAST RECOVERY RECTIFIERS 1 2 Pan Jit International Inc.
UF150G_04GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS 1 2 Pan Jit International Inc.
UF200GGLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS 1 2 Pan Jit International Inc.
1U1_05ULTRAFAST RECOVERY RECTIFIERS 1 2 Pan Jit International Inc.
UF300_05ULTRAFAST RECOVERY RECTIFIERS 1 2 Pan Jit International Inc.
UF100S_07ULTRAFAST RECOVERY RECTIFIERS 1 2 Pan Jit International Inc.
X25UFG2 500 V - 10 000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time 1 2 Voltage Multipliers Inc.
STTH1502Ultrafast recovery diode 1 2 3 4 5 MoreSTMicroelectronics
APT2X61D40J_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
HFA16TA60CSUltrafast Soft Recovery Diode 1 2 3 4 5 MoreInternational Rectifier

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn