Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2006 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 2Page - Texas Instruments TSC2006 Datasheet HTML 3Page - Texas Instruments TSC2006 Datasheet HTML 4Page - Texas Instruments TSC2006 Datasheet HTML 5Page - Texas Instruments TSC2006 Datasheet HTML 6Page - Texas Instruments TSC2006 Datasheet HTML 7Page - Texas Instruments TSC2006 Datasheet HTML 8Page - Texas Instruments TSC2006 Datasheet HTML 9Page - Texas Instruments TSC2006 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
www.ti.com
TIMING INFORMATION
BIT0
t
DIS(CSR-SDOZ)
t
H(SDI-SCLKR)
NOTE: CPOL=0,CPHA=0,Byte0cyclerequires24SCLKs,andByte1cyclerequireseightSCLKs.
t
H(SCLKF-SDOVALID)
t
SU(SDI-SCLKR)
t
D(CSF-SDOVALID)
t
SU(SCLKF-CSR)
t
WH(CS)
t
C(SCLK)
t
SU(CSF-SCLK1R)
t
F
t
R
t
WL(SCLK)
t
WH(SCLK)
BIT1
MSBIN
MSBOUT
CS SS
(
)
SCLK
SDO(MISO)
SDI(MOSI)
BIT0
BIT1
TIMING REQUIREMENTS
(1)
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
The TSC2006 supports SPI programming in mode CPOL = 0 and CPHA = 0. The falling edge of SCLK is used to
change output (MISO) data and the rising edge is used to latch input (MOSI) data. Eight SCLKs are required to
complete the Byte 1 command cycle, and 24 SCLKs are required for the Byte 0 command cycle. CS can stay low
during the entire 24 SCLKs of a Byte 0 command cycle, or multiple mixed cycles of reading and writing of bytes
and register accesses, as long as the corresponding addresses are supplied.
Figure 1. Detailed I/O Timing
All specifications typical at –40
°C to +85°C, SNSVDD = I/OVDD = 1.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
SNSVDD
≥ 1.6V
10
µs
tWL(RESET)
(2)
Reset low time
1.2V
≤ SNSVDD < 1.6V
13
µs
SNSVDD = I/OVDD
≥ 2.7V and ≤ 3.6V,
40
ns
40% to 60% duty cycle
SNSVDD = I/OVDD
≥ 1.6V and < 2.7V,
tC(SCLK)
SPI serial clock cycle time
100
ns
40% to 60% duty cycle
SNSVDD = I/OVDD = 1.2V
182
ns
40% to 60% duty cycle
SNSVDD = I/OVDD
≥ 2.7V and ≤ 3.6V,
25
MHz
10pF load
fSCLK
SPI serial clock frequency
SNSVDD = I/OVDD
≥ 1.6V and < 2.7V,
10
MHz
10pF load
SNSVDD = I/OVDD = 1.2V, 10pF load
5.5
MHz
tWH(SCLK)
SPI serial clock high time
0.4
× t
C(SCLK)
0.6
× t
C(SCLK)
ns
tWL(SCLK)
SPI serial clock low time
0.4
× t
C(SCLK)
0.6
× t
C(SCLK)
ns
tSU(CSF-SCLK1R)
Enable lead time
30
ns
tD(CSF-SDOVALID)
Slave access time
15
ns
tH(SCLKF-SDOVALID)
MISO data hold time
6
13
ns
tWH(CS)
Sequential transfer delay
15
ns
tSU(SDI-SCLKR)
MOSI data setup time
4
ns
tH(SDI-SCLKR)
MOSI data hold time
4
ns
tDIS(CSR-SDOZ)
Slave MISO disable time
15
ns
tSU(SCLKF-CSR)
Enable lag time
30
ns
tR
Rise time
SNSVDD = I/OVDD = 3V, fSCLK = 25MHz
3
ns
tF
Fall time
SNSVDD = I/OVDD = 3V, fSCLK = 25MHz
3
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of I/OVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Refer to Figure 34.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TSC2006


Numéro de pièce similaire - TSC2006

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2006 TI1-TSC2006 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJR TI1-TSC2006IRTJR Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJT TI1-TSC2006IRTJT Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJTG4 TI1-TSC2006IRTJTG4 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

Description similaire - TSC2006

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com